Electronic Components Datasheet Search
  English  ▼

X  

MP23DB01HPTR Datasheet(PDF) 1 Page - STMicroelectronics

Part # MP23DB01HPTR
Description  digital microphone with multiple performance modes
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

MP23DB01HPTR Datasheet(HTML) 1 Page - STMicroelectronics

  MP23DB01HPTR Datasheet HTML 1Page - STMicroelectronics MP23DB01HPTR Datasheet HTML 2Page - STMicroelectronics MP23DB01HPTR Datasheet HTML 3Page - STMicroelectronics MP23DB01HPTR Datasheet HTML 4Page - STMicroelectronics MP23DB01HPTR Datasheet HTML 5Page - STMicroelectronics MP23DB01HPTR Datasheet HTML 6Page - STMicroelectronics MP23DB01HPTR Datasheet HTML 7Page - STMicroelectronics MP23DB01HPTR Datasheet HTML 8Page - STMicroelectronics MP23DB01HPTR Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 15 page
background image
This is information on a product in full production.
July 2020
DocID034289 Rev 2
1/15
MP23DB01HP
MEMS audio sensor:
digital microphone with multiple performance modes
Datasheet
- production data
Features
 Omnidirectional digital microphone
 Very low distortion / very high AOP
– 135 dBSPL acoustic overload point
 Multiple performance modes
(sleep, low-power, performance)
 Typ. current consumption
– 2 μA (sleep mode)
– 285 μA (low-power mode)
– 800 μA (performance mode)
 Sensitivity matching
 PDM single-bit output with option for stereo
configuration
 RHLGA package
– Bottom-port design
– SMD-compliant
– EMI-shielded
– ECOPACK, RoHS and “Green” compliant
Applications
 Smartphones and handsets
 Laptop and notebook computers
 Wearable devices
 Devices enabling always-on feature
 Digital still and video cameras
 Antitheft systems
Description
The MP23DB01HP is an ultra-compact, low-
power, omnidirectional, digital MEMS microphone
built with a capacitive sensing element and an IC
interface with stereo operation capability.
The sensing element, capable of detecting
acoustic waves, is manufactured using a
specialized silicon micromachining process
dedicated to producing audio sensors.
The IC interface is manufactured using a CMOS
process that allows designing a dedicated circuit
able to provide a digital signal externally in PDM
format.
The MP23DB01HP offers multiple performance
modes (power-down, low-power and performance
mode) enabled by different clock frequency
ranges. The device has a very high AOP in
performance mode, sensitivity range of ±1 dB and
high SNR for all operative modes.
The MP23DB01HP is available in a bottom-port,
SMD-compliant, EMI-shielded package and is
guaranteed to operate over an extended
temperature range from -40 °C to +85 °C.
RHLGA 4LD 4x2x0.85
RHLGA 5LD (3.5 x 2.65 x 0.98 mm)
Table 1. Device summary
Part number
Temperature range [°C]
Package
Packing
MP23DB01HPTR
-40 to +85
RHLGA 5LD (3.5 x 2.65 x 0.98) mm
Tape and reel
www.st.com


Similar Part No. - MP23DB01HPTR

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
MP23DB02MM STMICROELECTRONICS-MP23DB02MM Datasheet
1Mb / 15P
MEMS audio sensor: digital microphone with multiple performance modes
07-Mar-2022
More results

Similar Description - MP23DB01HPTR

ManufacturerPart #DatasheetDescription
logo
Omron Electronics LLC
H3YN OMRON-H3YN Datasheet
396Kb / 12P
Solid-state Timer (Miniature Timer with Multiple Time Ranges and Multiple Operating Modes)
H3YN-2-DC24 OMRON-H3YN-2-DC24 Datasheet
1Mb / 14P
Miniature Timer with Multiple Time Ranges and Multiple Operating Modes
logo
Knowles Electronics
SPM0423HE4H-WB KNOWLES-SPM0423HE4H-WB Datasheet
928Kb / 13P
Digital SiSonicTM Microphone With Enhanced RF Performance
logo
Texas Instruments
TPS25942A TI1-TPS25942A Datasheet
3Mb / 54P
5A eFuse Power MUX with Multiple Protection Modes
logo
Cirrus Logic
CS7250B CIRRUS-CS7250B Datasheet
212Kb / 11P
Digital MEMS Microphone with High Performance and Low Power Modes
logo
Knowles Electronics
SPH1668LM4H-1 KNOWLES-SPH1668LM4H-1 Datasheet
798Kb / 14P
Digital Zero-Height SiSonicTM Microphone With Multiple Performance Modes
logo
Infineon Technologies A...
IM69D120 INFINEON-IM69D120 Datasheet
1Mb / 16P
High performance digital XENSIVTM MEMS microphone
Datasheet 1.0 2017-12-20
IM69D130 INFINEON-IM69D130 Datasheet
2Mb / 16P
High performance digital XENSIVTM MEMS microphone
Datasheet 1.0 2017-12-19
IM67D130A INFINEON-IM67D130A Datasheet
1Mb / 22P
AEC-Q103 qualified high performance digital XENSIV??MEMS microphone
Rev 1.00 18-05-2021
logo
STMicroelectronics
MP23DB02MM STMICROELECTRONICS-MP23DB02MM Datasheet
1Mb / 15P
MEMS audio sensor: digital microphone with multiple performance modes
07-Mar-2022
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com