Electronic Components Datasheet Search
  English  ▼

X  

PI3C16234 Datasheet(PDF) 1 Page - Pericom Semiconductor Corporation

Part # PI3C16234
Description  3.3V, High Bandwidth, 16-Bit to 32-Bit Mux/Demux BusSwitch
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PERICOM [Pericom Semiconductor Corporation]
Direct Link  http://www.pericom.com
Logo PERICOM - Pericom Semiconductor Corporation

PI3C16234 Datasheet(HTML) 1 Page - Pericom Semiconductor Corporation

  PI3C16234 Datasheet HTML 1Page - Pericom Semiconductor Corporation PI3C16234 Datasheet HTML 2Page - Pericom Semiconductor Corporation PI3C16234 Datasheet HTML 3Page - Pericom Semiconductor Corporation PI3C16234 Datasheet HTML 4Page - Pericom Semiconductor Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
1
PS8459D
03/13/01
12345678901234567890123456789012123456789012345678901234567890121234567890123456789012345678901212345678901234567890123456789012123456789012
12345678901234567890123456789012123456789012345678901234567890121234567890123456789012345678901212345678901234567890123456789012123456789012
ProductFeatures
•RON is 9 Ohm Typical
• Pulldown on B Ports
• LowPower:1mW
• Industrial Operation Temperature: –40ºC to 85ºC
• Near Zero Propagation Delay
• SwitchingSpeed:4.5nsmax.(for3.3Voperation)
• Channel ON capacitance: 9pF (typ.)
•VCC Operating Range: +2 to +3.6V
• >100MHz Bandwidth
• Packages:56-PinTSSOP
ProductDescription
PericomSemiconductor’s PI3Cseriesof logiccircuitsareproduced
using the Company’s advanced submicron CMOS technology.
The PI3C16234 is a 16-bit to 32-bit mux/demux switch. Industry
leading advantages include almost zero propagation delay of 500ps
because of the 9ohm channel resistance and low I/O
capacitance. A1 port demultiplexes to either port B1 or B2 and the
switch is bidirectional.
Application
Private Memory Module Switching
PI3C16234
3.3V, High Bandwidth, 16-Bit to 32-Bit
Mux/Demux BusSwitch
Logic Block Diagram
ProductPinConfiguration
FunctionTable
n
o
it
c
e
l
e
Sn
o
it
c
n
u
F
LnΑ
n
o
t
l
Βl
HnΑ
n
o
t
l
Β2
Note: n = 1–16

!
"
#
$
%
GND
&
'



!
"
#
$
%
&
'


!
"
#$
##
#"
#!
#
#
#
"'
"&
"%
"$
"#
""
"!
"
"
"
!'
!&
!%
!$
!#
!"
!!
#
$
%
&
!
!
!
'
1B1
2B1
2A1
3B1
4B1
4A1
5B1
6B1
6A1
7B1
8B1
8A1
9B1
10B1
10A1
11B1
12B1
12A1
13B1
14B1
14A1
16A1
SEL
15B1
16B1
NC
VCC
11B2
NC
16B2
15B2
15A1
14B2
13B2
13A1
11A1
10B2
9B2
9A1
8B2
7B2
7A1
6B2
5B2
5A1
GND
4B2
3B2
3A1
2B2
1B2
1A1
VCC
GND
12B2
56-Pin
A
16
B1
16
A1
1
A1
16
B2
1
B2
SEL
1
B1


Similar Part No. - PI3C16234

ManufacturerPart #DatasheetDescription
logo
Pericom Semiconductor C...
PI3C16210 PERICOM-PI3C16210 Datasheet
304Kb / 4P
3.3V, High Bandwidths 20-Bit, 2-Port Bus Switch
PI3C16210A PERICOM-PI3C16210A Datasheet
304Kb / 4P
3.3V, High Bandwidths 20-Bit, 2-Port Bus Switch
PI3C16210K PERICOM-PI3C16210K Datasheet
304Kb / 4P
3.3V, High Bandwidths 20-Bit, 2-Port Bus Switch
PI3C16211 PERICOM-PI3C16211 Datasheet
398Kb / 4P
3.3V HIGH BANDWIDTH 24-BIT BUS SWITCH
PI3C16211A PERICOM-PI3C16211A Datasheet
398Kb / 4P
3.3V HIGH BANDWIDTH 24-BIT BUS SWITCH
More results

Similar Description - PI3C16234

ManufacturerPart #DatasheetDescription
logo
Integrated Device Techn...
IDTQS3VH16233 IDT-IDTQS3VH16233 Datasheet
85Kb / 8P
2.5V / 3.3V 32:16 MUX/DEMUX HIGH BANDWIDTH BUS SWITCH
logo
Pericom Semiconductor C...
PI3C32160 PERICOM-PI3C32160 Datasheet
284Kb / 4P
3.3V, High Bandwidth,16:32-Bit, PCI Hot-Plug Mux/Demux Bus Switch
PI5C16233C PERICOM-PI5C16233C Datasheet
220Kb / 3P
16-Bit to 32-Bit Mux/Demux BusSwitch with Undershoot Protection
PI3C16226 PERICOM-PI3C16226 Datasheet
359Kb / 4P
3.3V, High-Bandwidth, 12-Bit to 24-Bit Mux/Demux Bus Switch
PI3B16232 PERICOM-PI3B16232 Datasheet
163Kb / 3P
3.3V, Synchronous 16-Bit to 32-Bit FET Mux/Demux BusSwitch
PI3B33X257 PERICOM-PI3B33X257 Datasheet
217Kb / 3P
3.3V, 24:12 Mux/Demux BusSwitch
PI3B16292 PERICOM-PI3B16292 Datasheet
125Kb / 4P
3.3Volt, 24-Bit Mux/Demux BusSwitch
PI3B4010 PERICOM-PI3B4010 Datasheet
219Kb / 6P
3.3V, High-Bandwidth, 40:10-Bit DDR Mux/Demux NanoSwitch
logo
STMicroelectronics
ST3DV520 STMICROELECTRONICS-ST3DV520 Datasheet
257Kb / 10P
High bandwidth analog switch with 16-to-8 bit MUX/DEMUX
09-Oct-2008
logo
Pericom Semiconductor C...
PI3B16233AEX PERICOM-PI3B16233AEX Datasheet
345Kb / 5P
3.3V, 16-Bit to 32-Bit FET Mux/DeMux NanoSwitch?
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com