Electronic Components Datasheet Search
  English  ▼

X  

C232HD Datasheet(PDF) 10 Page - Future Technology Devices International Ltd.

Part # C232HD
Description  C232HD USB 2.0 HI-SPEED TO UART CABLE
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FTDI [Future Technology Devices International Ltd.]
Direct Link  http://www.ftdichip.com
Logo FTDI - Future Technology Devices International Ltd.

C232HD Datasheet(HTML) 10 Page - Future Technology Devices International Ltd.

Back Button C232HD Datasheet HTML 6Page - Future Technology Devices International Ltd. C232HD Datasheet HTML 7Page - Future Technology Devices International Ltd. C232HD Datasheet HTML 8Page - Future Technology Devices International Ltd. C232HD Datasheet HTML 9Page - Future Technology Devices International Ltd. C232HD Datasheet HTML 10Page - Future Technology Devices International Ltd. C232HD Datasheet HTML 11Page - Future Technology Devices International Ltd. C232HD Datasheet HTML 12Page - Future Technology Devices International Ltd. C232HD Datasheet HTML 13Page - Future Technology Devices International Ltd. C232HD Datasheet HTML 14Page - Future Technology Devices International Ltd. Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 18 page
background image
Copyright © Future Technology Devices International Limited
10
C232HD USB 2.0 HI-SPEED TO UART CABLE Datasheet
Version 1.3
Document No.: FT_000430 Clearance No.: FTDI# 222
T
Operating
Temperature Range
-40
+85
o
C
Table 3.3 C232HD-EDHSP-0 Power Supply Output Parameters
3.3.3 C232HD-DDHSP-0 and C232HD-EDHSP-0 I/O Characteristics
Parameter
Description
Minimum
Typical Maximum
Units
Conditions
Voh
Output Voltage High
2.40
3.14
V
Ioh = +/-2mA
I/O Drive strength* =
4mA
3.20
V
I/O Drive strength* =
8mA
3.22
V
I/O Drive strength* =
12mA
3.22
V
I/O Drive strength* =
16mA
Vol
Output Voltage Low
0.18
0.40
V
Iol = +/-2mA
I/O Drive strength* =
4mA
0.12
V
I/O Drive strength* =
8mA
0.08
V
I/O Drive strength* =
12mA
0.07
V
I/O Drive strength* =
16mA
Vil
Input low Switching
Threshold
-
0.80
V
LVTTL
Vih
Input High Switching
Threshold
2.00
-
V
LVTTL
Vt
Switching Threshold
1.50
V
LVTTL
Vt-
Schmitt trigger
negative going
threshold voltage
0.80
1.10
-
V
Vt+
Schmitt trigger
positive going
threshold voltage
1.60
2.00
V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com