Electronic Components Datasheet Search
  English  ▼

X  

S1GL Datasheet(PDF) 1 Page - HY ELECTRONIC CORP.

Part # S1GL
Description  Surface Mount Glass Passivated Rectifiers
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HY [HY ELECTRONIC CORP.]
Direct Link  http://www.hygroup.com.tw
Logo HY - HY ELECTRONIC CORP.

S1GL Datasheet(HTML) 1 Page - HY ELECTRONIC CORP.

  S1GL Datasheet HTML 1Page - HY ELECTRONIC CORP. S1GL Datasheet HTML 2Page - HY ELECTRONIC CORP. S1GL Datasheet HTML 3Page - HY ELECTRONIC CORP.  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
Features
SOD-123FL
●
For surface mounted applications
●
Low reverse leakage current
RoHS
●
Low forward voltage drop
COMPLIANT
●
High surge capacity
●
Meet UL flammability classification 94V-0
Mechanical Data
●
Case: JEDEC SOD-123FL molded plastic
●
Polarity: Color band denotes cathode
●
Mounting position: Any
Note: Products with logo
are made byHY Electronic (Cayman) Limited.
Applications
●
For use in low voltage, high frequency inverters,
polarity protection applications
Maximum Ratings and Electrical Characteristics
Rating at 25℃ ambient temperature unless otherwise specified.
Single phase, half wave, 60Hz, resistive or inductive load.
For capacitive load, derate current by 20%.
Symbol
S1AL
S1BL
S1DL
S1GL
S1JL
S1KL
S1ML
Marking
S1AL
S1BL
S1DL
S1GL
S1JL
S1KL
S1ML
Maximum Repetitive Peak Reverse Voltage
VRRM
50
100
200
400
600
800
1000
V
Maximum RMS Voltage
VRMS
35
70
140
280
420
560
700
V
Maximum DC Blocking Voltage
VDC
50
100
200
400
600
800
1000
V
Maximum Average Forward Rectified Current @TL=100 ℃
I(AV)
A
Peak Forward Surge Current, 8.3mS Single Half Sine-Wave,
Superimposed on Rated Load (JEDEC Method)
I
2t Rating for Fusing (t<8.3mS)
I
2t
A
2s
Peak Forward Voltage at 1.0A DC (Note1)
VF
V
Maximum DC Reverse Current @TJ=25℃
at Rated DC Blocking Voltage @TJ=125℃
Typical Thermal Resistance Junction to Lead
RθJL
℃/W
Typical Thermal Resistance Junction to Ambient
RθJA
℃/W
Operating Junction Temperature Range
TJ
℃
Storage Temperature Range
TSTG
℃
Notes: 1. 300uS pulse width, 2%duty cycle.
2. Mounted on FR-4 P.C.B. With 0.9x1.5 mm copper pad areas (≈
35 μm thick)
3. The typical data above is for reference only .
S1*L-7-99-00
Rev. 11, 18-May-2020
www.hygroup.com.tw
S1AL THRU S1ML
uA
IFSM
25
A
5.0
Characteristics
Unit
1.0
1.1
Surface Mount Glass Passivated Rectifiers
Package Outline Dimensions in Inches (Millimeters)
Reverse Voltage - 50 to 1000Volts
Forward Current - 1.0 Amperes
Pb
2.6
-55 to+150
-55 to+150
IR
50
150
35
or


Similar Part No. - S1GL

ManufacturerPart #DatasheetDescription
logo
Taiwan Semiconductor Co...
S1GL TSC-S1GL Datasheet
49Kb / 2P
1.0 AMP. Surface Mount Rectifiers
S1GL TSC-S1GL Datasheet
375Kb / 2P
1.0 AMP. Surface Mount Rectifiers
S1GL TSC-S1GL Datasheet
548Kb / 2P
1.0 AMP. Surface Mount Rectifiers
S1GL TSC-S1GL Datasheet
190Kb / 2P
1.0AMP Surface Mount Rectifiers
logo
Guangdong Kexin Industr...
S1GL KEXIN-S1GL Datasheet
795Kb / 2P
Rectifier Diodes
More results

Similar Description - S1GL

ManufacturerPart #DatasheetDescription
logo
HY ELECTRONIC CORP.
S2A HY-S2A Datasheet
37Kb / 2P
SURFACE MOUNT GLASS PASSIVATED RECTIFIERS
S2AA HY-S2AA Datasheet
99Kb / 2P
SURFACE MOUNT GLASS PASSIVATED RECTIFIERS
S3AB HY-S3AB_17 Datasheet
138Kb / 3P
SURFACE MOUNT GLASS PASSIVATED RECTIFIERS
logo
Shenzhen Yixinwei Techn...
S1AL YIXIN-S1AL Datasheet
163Kb / 2P
SURFACE MOUNT GLASS PASSIVATED RECTIFIERS
logo
HY ELECTRONIC CORP.
S3AB HY-S3AB_19 Datasheet
266Kb / 3P
Surface Mount Glass Passivated Rectifiers
S2A HY-S2A_19 Datasheet
271Kb / 3P
Surface Mount Glass Passivated Rectifiers
S1AL HY-S1AL_18 Datasheet
192Kb / 3P
Surface Mount Glass Passivated Rectifiers
S1A HY-S1A_19 Datasheet
268Kb / 3P
Surface Mount Glass Passivated Rectifiers
logo
DACO SEMICONDUCTOR CO.,...
SM1A DACO-SM1A Datasheet
153Kb / 2P
SURFACE MOUNT GLASS PASSIVATED RECTIFIERS
SM5931 DACO-SM5931 Datasheet
962Kb / 2P
SURFACE MOUNT GLASS PASSIVATED RECTIFIERS
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com