Electronic Components Datasheet Search
  English  ▼

X  

X8STI Datasheet(PDF) 33 Page - List of Unclassifed Manufacturers

Part # X8STI
Description  Supermicro Mainboard
PDF  109 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC1 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC1 - List of Unclassifed Manufacturers

X8STI Datasheet(HTML) 33 Page - List of Unclassifed Manufacturers

Back Button X8STI Datasheet HTML 29Page - List of Unclassifed Manufacturers X8STI Datasheet HTML 30Page - List of Unclassifed Manufacturers X8STI Datasheet HTML 31Page - List of Unclassifed Manufacturers X8STI Datasheet HTML 32Page - List of Unclassifed Manufacturers X8STI Datasheet HTML 33Page - List of Unclassifed Manufacturers X8STI Datasheet HTML 34Page - List of Unclassifed Manufacturers X8STI Datasheet HTML 35Page - List of Unclassifed Manufacturers X8STI Datasheet HTML 36Page - List of Unclassifed Manufacturers X8STI Datasheet HTML 37Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 33 / 109 page
background image
Chapter 2: Installation
2-9
Possible System Memory Allocation & Availability
System Device
Size
Physical Memory
Remaining (-Available)
(4 GB Total System Memory)
Firmware Hub flash memory (System BIOS)
1 MB
3.99 GB
Local APIC
4 KB
3.99 GB
Area Reserved for the chipset
2 MB
3.99 GB
I/O APIC (4 Kbytes)
4 KB
3.99 GB
PCI Enumeration Area 1
256 MB
3.76 GB
PCI Express (256 MB)
256 MB
3.51 GB
PCI Enumeration Area 2 (if needed) -Aligned on
256-MB boundary-
512 MB
3.01 GB
VGA Memory
16 MB
2.85 GB
TSEG
1 MB
2.84 GB
Memory available for the OS & other applications
2.84 GB
Note :
The motherboard will NOT boot if DIMM module(s) are installed in any of the
Bank2 slots but none in the Bank1 slots. The first DIMM module must be
installed in DIMM1A, and all Bank1 slots must be filled before populating any
Bank2 slot(s).
Maximum Memory Possible
Single Rank UDIMMs - 12GB (6x 2GB DIMMs), Dual Rank UDIMMs - 24GB (6x
4GB DIMMs)
Note 1: Both Unbuffered ECC and Non-ECC DIMM modules are supported by the
motherboard. Using ECC or Non-ECC memory on your motherboard depends on
the CPU installed.
Note 2: Due to OS limitations, some operating systems may not show more than
4 GB of memory.
Note 3: Due to memory allocation to system devices, the amount of memory that
remains available for operational use will be reduced when 4 GB of RAM is used.
The reduction in memory availability is disproportional. Refer to the table on the
next page. For Microsoft Windows users: Microsoft implemented a design change
in Windows XP with Service Pack 2 (SP2) and Windows Vista. This change is spe-
cific to the Physical Address Extension (PAE) mode behavior which improves driver
compatibility. For more information, please read the following article at Microsoft’s
Knowledge Base website at: http://support.microsoft.com/kb/888137.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com