Electronic Components Datasheet Search
  English  ▼

X  

AM29LV065M Datasheet(PDF) 7 Page - Advanced Micro Devices

Part # AM29LV065M
Description  64 Megabit (8 M x 8-Bit) MirrorBit 3.0 Volt-only Uniform Sector Flash Memory with VersatileI/O Control
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMD [Advanced Micro Devices]
Direct Link  http://www.amd.com
Logo AMD - Advanced Micro Devices

AM29LV065M Datasheet(HTML) 7 Page - Advanced Micro Devices

Back Button AM29LV065M Datasheet HTML 3Page - Advanced Micro Devices AM29LV065M Datasheet HTML 4Page - Advanced Micro Devices AM29LV065M Datasheet HTML 5Page - Advanced Micro Devices AM29LV065M Datasheet HTML 6Page - Advanced Micro Devices AM29LV065M Datasheet HTML 7Page - Advanced Micro Devices AM29LV065M Datasheet HTML 8Page - Advanced Micro Devices AM29LV065M Datasheet HTML 9Page - Advanced Micro Devices AM29LV065M Datasheet HTML 10Page - Advanced Micro Devices AM29LV065M Datasheet HTML 11Page - Advanced Micro Devices  
Zoom Inzoom in Zoom Outzoom out
 7 / 11 page
background image
Am29LV065M
7
ADV ANCE
I N FO RMAT I O N
ORDERING INFORMATION
Standard Products
AMD standard products are available in several packages and operating ranges. The order number (Valid Combination) is
formed by a combination of the following:
Valid Combinations
Valid Combinations list configurations planned to be supported in
volume for this device. Consult the local AMD sales office to con-
firm availability of specific valid combinations and to check on
newly released combinations.
Am29LV065M
U
90R
WH
I
TEMPERATURE RANGE
I
=
Industrial (–40
°C to +85°C)
PACKAGE TYPE
E
=
48-Pin Standard Pinout Thin Small Outline Package (TS 048)
F
=
48-Pin Reverse Pinout Thin Small Outline Package (TSR048)
WH
=
63-Ball Fine-Pitch Ball Grid Array (FBGA)
0.80 mm pitch, 11 x 12 mm package (FBE063)
SPEED OPTION
See Product Selector Guide and Valid Combinations
SECTOR ARCHITECTURE
U
=
Uniform sector device
DEVICE NUMBER/DESCRIPTION
Am29LV065M
64 Megabit (8 M x 8-Bit) MirrorBit
 Uniform Sector Flash Memory with VersatileIO Control
3.0 Volt-only Read, Program, and Erase
Valid Combinations for
TSOP Package
Speed
(ns)
V
IO
Range
V
CC
Range
Am29LV065MU90R
EI, FI
90
3.0–3.6 V
3.0–3.6 V
Am29LV065MU101
100
2.7–3.6 V
2.7–3.6 V
Am29LV065MU112
110
1.65–3.6 V
Am29LV065MU120
120
1.65–3.6 V
Valid Combinations for
Fine-Pitch BGA Package
Speed
(ns)
V
IO
Range
V
CC
Range
Order Number
Package Marking
Am29LV065MU90R
WHI
L065MU90R
I
90
3.0–
3.6 V
3.0–
3.6 V
Am29LV065MU101
L065MU01V
100
2.7–
3.6 V
2.7–
3.6 V
Am29LV065MU112
L065MU11V
110
1.65–
3.6 V
Am29LV065MU120
L065MU12V
120
1.65–
3.6 V



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com