Electronic Components Datasheet Search
  English  ▼

X  

X520-DA1 Datasheet(PDF) 4 Page - Intel Corporation

Part # X520-DA1
Description  Intel짰 Ethernet Server Adapter X520-DA1/X520-DA2 for Open Compute Project (OCP)
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTEL [Intel Corporation]
Direct Link  http://www.intel.com
Logo INTEL - Intel Corporation

X520-DA1 Datasheet(HTML) 4 Page - Intel Corporation

  X520-DA1 Datasheet HTML 1Page - Intel Corporation X520-DA1 Datasheet HTML 2Page - Intel Corporation X520-DA1 Datasheet HTML 3Page - Intel Corporation X520-DA1 Datasheet HTML 4Page - Intel Corporation X520-DA1 Datasheet HTML 5Page - Intel Corporation  
Zoom Inzoom in Zoom Outzoom out
 4 / 5 page
background image
Manageability Features
Preboot eXecution Environment (PXE) Support
• Enables system boot up via the LAN (32-bit and 64-bit)
• Flash interface for PXE image
Simple Network Management Protocol (SNMP) and
Remote Network Monitoring (RMON) Statistic Counters
• Easy system monitoring with industry-standard consoles
Watchdog Timer
• Gives an indication to the manageability firmware or external devices that the chip or
the driver is not functioning
Specifications
General
Connectors
• One or two LC fiber-optic connectors
(NOTE: Intel® Ethernet SFP+ Optics are required if optics will be used)
• SFP+ Direct Attach cables
Network Standards
IEEE 802.3
SFF-8431
Technical Features
Data rate supported per port
• Optical: 1 GbE/10 Gb
• Direct Attach: 10 GbE
Bus type
PCI Express 2.0 (5.0 GT/s)
Bus width
4-lane PCI Express and 8-lane PCI Express
Interrupt levels
INTA, MSI, MSI-X
Hardware certifications
FCC B, UL, CE, VCCI, BSMI, CTICK, KCC
Controller-processor
Intel® 82599 10 Gigabit Ethernet Controller
Power Consumption
10GBASE-SR/1000BASE-SX
10GBASE-LR/1000BASE-LX
Direct Attached Twinax
Single-port
Maximum: 8.71W* Typical: 3.9W**
Maximum: 8.71W* Typical: 3.9W**
Maximum: 5.18W* Typical: 4.1W**
Dual Port
10GBASE-SR
Maximum: 14.4W* Typical: 4.8W**
10GBASE-LR
Maximum: 14.4W* Typical: 4.8W**
Direct Attached Maximum: 7.4W* Typical: 4.1 W**
Operating temperature
0 °C to 55 °C (32 °F to 131 °F)
Air Flow
Minimum of 100 LFM required
Storage temperature
-40 °C to 70 °C (-40 °F to 158 °F)
Storage humidity
Maximum: 90% non-condensing relative humidity at 35 °C
LED Indicators
LINK (solid) and ACTIVITY (blinking)
LINK SPEED (green=10 Gbps; yellow=1 Gbps)
Physical Dimensions
Standard OCP Form Factor
Network Operating System (NOS) Support
Operating System
IA-32
x86-64
Windows Server 2008 R2 SP1
N/A
Y
Windows Server 2012
N/A
Y
Windows Server 2012 R2
N/A
Y
Linux* Stable Kernel version 2.6/3.x
Y
Y
Linux RHEL 5.9
Y
Y
Linux RHEL 6.4
Y
Y
Linux SLES 10 SP4
Y
Y
Linux SLES 11 SP2
Y
Y
Free BSD 9
Y
Y
UEFI 2.1/2.3
N/S
Y
*Calculated max assumes that either SR or LR optics consume 3.15W.
**Average of measurement data taken at nominal voltage and 25 °C temperature



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com