Electronic Components Datasheet Search
  English  ▼

X  

AS7265X Datasheet(PDF) 53 Page - ams AG

Part # AS7265X
Description  Smart 18-Channel VIS to NIR Spectral_ID 3-Sensor Chipset with Electronic Shutter
PDF  63 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSCO [ams AG]
Direct Link  http://www.ams.com
Logo AMSCO - ams AG

AS7265X Datasheet(HTML) 53 Page - ams AG

Back Button AS7265X Datasheet HTML 49Page - ams AG AS7265X Datasheet HTML 50Page - ams AG AS7265X Datasheet HTML 51Page - ams AG AS7265X Datasheet HTML 52Page - ams AG AS7265X Datasheet HTML 53Page - ams AG AS7265X Datasheet HTML 54Page - ams AG AS7265X Datasheet HTML 55Page - ams AG AS7265X Datasheet HTML 56Page - ams AG AS7265X Datasheet HTML 57Page - ams AG Next Button
Zoom Inzoom in Zoom Outzoom out
 53 / 63 page
background image
ams Datasheet
Page 53
[v1-04] 2018-Jul-09
Document Feedback
AS7265x − Soldering & Storage Information
Soldering Information
The module has been tested and has demonstrated an ability
to be reflow soldered to a PCB substrate. The solder reflow pro-
file describes the expected maximum heat exposure of compo-
nents during the solder reflow process of product on a PCB.
Temperature is measured on top of component. The compo-
nents should be limited to a maximum of three passes through
this solder reflow profile.
Figure 65:
Solder Reflow Profile
Figure 66:
Solder Reflow Profile Graph
Parameter
Reference
Device
Average temperature gradient in preheating
2.5
°C/s
Soak time
tSOAK
2 to 3 minutes
Time above 217
°C(T
1)t1
Max 60s
Time above 230
°C(T
2)t2
Max 50s
Time above Tpeak - 10°C(T3)t3
Max 10s
Peak temperature in reflow
Tpeak
260
°C
Temperature gradient in cooling
Max -5
°C/s
Soldering & Storage
Information



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com