Electronic Components Datasheet Search
  English  ▼

X  

CK4-SLRC Datasheet(PDF) 4 Page - Eaton All Rights Reserved.

Part # CK4-SLRC
Description  ControlKeeper 4A
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EATON [Eaton All Rights Reserved.]
Direct Link  https://www.eaton.com
Logo EATON - Eaton All Rights Reserved.

CK4-SLRC Datasheet(HTML) 4 Page - Eaton All Rights Reserved.

  CK4-SLRC Datasheet HTML 1Page - Eaton All Rights Reserved. CK4-SLRC Datasheet HTML 2Page - Eaton All Rights Reserved. CK4-SLRC Datasheet HTML 3Page - Eaton All Rights Reserved. CK4-SLRC Datasheet HTML 4Page - Eaton All Rights Reserved.  
Zoom Inzoom in Zoom Outzoom out
 4 / 4 page
background image
Eaton
1000 Eaton Boulevard
Cleveland, OH 44122
United States
Eaton.com
Eaton
Lighting systems
203 Cooper Circle
Peachtree City, GA 30269
www.eaton.com/lightingsystems
© 2015 Eaton
All Rights Reserved
Printed in USA
Publication No. TD503047EN
September 4, 2015
Eaton is a registered trademark.
All other trademarks are property
of their respective owners.
September 2015
CK4A – ControlKeeper 4A
Ordering
This is a network-ready lighting control system. It can be combined
with other ControlKeeper series panels to create a scalable,
networked lighting control scheme. It can be ordered with any
suitable system option or accessory.
CK4 - SLRC -
CK4A = ControlKeeper 4A
Product
SSRCNO, SLRC, STPRCNO
Type of Relay Card
Blank = 120/277 VAC (60 Hz)
347
= 120/347 VAC (60 Hz)
230
= 220/230 VAC (50/60 Hz)
347
= 220/240 VAC (50/60 Hz)
Transformer Voltage



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com