Electronic Components Datasheet Search
  English  ▼

X  

SC35VB100 Datasheet(PDF) 1 Page - HY ELECTRONIC CORP.

Part # SC35VB100
Description  Glass Passivated 3 Phase Bridge Rectifiers
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HY [HY ELECTRONIC CORP.]
Direct Link  http://www.hygroup.com.tw
Logo HY - HY ELECTRONIC CORP.

SC35VB100 Datasheet(HTML) 1 Page - HY ELECTRONIC CORP.

  SC35VB100 Datasheet HTML 1Page - HY ELECTRONIC CORP. SC35VB100 Datasheet HTML 2Page - HY ELECTRONIC CORP. SC35VB100 Datasheet HTML 3Page - HY ELECTRONIC CORP.  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
Features
SCVB
●
Low forward voltage drop
●
High current capability
RoHS
●
High reliability
COMPLIANT
●
Meet UL flammability classification 94V-0
Mechanical Data
●
Case: Epoxy case with heat sink
●
Polarity: Symbol marked on body
●
Mounting position:
●
Bolt pass through the mounting hole of SBR35GW
then fixto heat sink
●
Mounting torque: 0.8 N.m
Note: Products with logo
or
are made by HY Electronic (Cayman) Limited.
Applications
●
For use in high power supply inverters,servo
motor and welding machine applications
Maximum Ratings and Electrical Characteristics
Rating at 25℃ ambient temperature unless otherwise specified.
Single phase, half wave, 60Hz, resistive or inductive load.
For capacitive load, derate current by 20%.
Characteristics
Symbol
Unit
Maximum Repetitive Peak Reverse Voltage
VRRM
V
Maximum RMS Voltage
VRMS
V
Maximum Average Forward Rectified Current @TC=55 ℃
I(AV)
A
Peak Forward Surge Current, 8.3mS Single Half Sine-Wave,
Superimposed on Rated Load (JEDEC Method)
I
2t Rating for Fusing (t<8.3mS)
I
2 t
A
2S
Peak Forward Voltage per Diode at 17.5A DC
VF
V
Maximum DC Reverse Current at Rated
DC Blocking Voltage per Diode @TJ=25℃
Typical Thermal Resistance Junction to Case per Diode
RθJC
℃/W
Dielectric Strength
Vdis
V
Operating Junction Temperature Range
TJ
℃
Storage Temperature Range
TSTG
℃
Note: The typical data above is for reference only
SC35VB100-B-00/99-00/01
Rev. 11, 18-May-2020
www.hygroup.com.tw
A
μA
350
Glass Passivated 3 Phase Bridge Rectifiers
10
1000
700
35
SC35VB100
Reverse Voltage - 1000Volts
Forward Current - 35 Amperes
Package Outline Dimensions in Inches (Millimeters)
SC35VB100
Pb
0.7
2000
-55 to +150
-55 to +150
IFSM
IR
508
1.05


Similar Part No. - SC35VB100

ManufacturerPart #DatasheetDescription
logo
Multicomp Pro
SC35VB100 MULTICOMP-SC35VB100 Datasheet
324Kb / 2P
Glass Passivated 3 Phase Bridge Rectifier
23/09/19 V1.0
More results

Similar Description - SC35VB100

ManufacturerPart #DatasheetDescription
logo
HY ELECTRONIC CORP.
KBP3005G HY-KBP3005G Datasheet
143Kb / 3P
GLASS PASSIVATED 3 PHASE BRIDGE RECTIFIERS
SBR3500GW HY-SBR3500GW Datasheet
155Kb / 3P
GLASS PASSIVATED 3 PHASE BRIDGE RECTIFIERS
SBR3508G HY-SBR3508G Datasheet
152Kb / 3P
GLASS PASSIVATED 3 PHASE BRIDGE RECTIFIERS
SH50VB80 HY-SH50VB80 Datasheet
133Kb / 2P
GLASS PASSIVATED 3 PHASE BRIDGE RECTIFIERS
SBR5000G HY-SBR5000G Datasheet
179Kb / 3P
GLASS PASSIVATED 3 PHASE BRIDGE RECTIFIERS
logo
Comchip Technology
SC35VB160-G COMCHIP-SC35VB160-G Datasheet
187Kb / 2P
Glass Passivated 3 Phase Bridge Rectifiers
logo
HY ELECTRONIC CORP.
SBR35GW HY-SBR35GW Datasheet
363Kb / 3P
Glass Passivated 3 Phase Bridge Rectifiers
SC50VB80 HY-SC50VB80_V01 Datasheet
361Kb / 3P
Glass Passivated 3 Phase Bridge Rectifiers
SH50VBW HY-SH50VBW Datasheet
341Kb / 3P
Glass Passivated 3 Phase Bridge Rectifiers
SMT50GW HY-SMT50GW Datasheet
376Kb / 3P
Glass Passivated 3 Phase Bridge Rectifiers
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com