Electronic Components Datasheet Search
  English  ▼

X  

CW1053ALLS Datasheet(PDF) 12 Page - List of Unclassifed Manufacturers

Part # CW1053ALLS
Description  5-cell battery protection IC
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC1 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC1 - List of Unclassifed Manufacturers

CW1053ALLS Datasheet(HTML) 12 Page - List of Unclassifed Manufacturers

Back Button CW1053ALLS Datasheet HTML 5Page - List of Unclassifed Manufacturers CW1053ALLS Datasheet HTML 6Page - List of Unclassifed Manufacturers CW1053ALLS Datasheet HTML 7Page - List of Unclassifed Manufacturers CW1053ALLS Datasheet HTML 8Page - List of Unclassifed Manufacturers CW1053ALLS Datasheet HTML 9Page - List of Unclassifed Manufacturers CW1053ALLS Datasheet HTML 10Page - List of Unclassifed Manufacturers CW1053ALLS Datasheet HTML 11Page - List of Unclassifed Manufacturers CW1053ALLS Datasheet HTML 12Page - List of Unclassifed Manufacturers CW1053ALLS Datasheet HTML 13Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 12 / 13 page
background image
CW1053
12
© 2018 Cellwise Microelectronics
封装图和封装尺寸
SSOP16 Package
θ
A2
A3
B B
E1 E
b1
b
c
c1
BASE METAL
WITH PLATING
SECTION B-B
C
L1
L
0.25
D
A
A1
b
h
e
SYMBOL
MILLIMETER
MIN.
NOM.
MAX.
A
----
----
1.75
A1
0.10
----
0.225
A2
1.30
1.40
1.50
A3
0.50
0.60
0.70
b
0.24
----
0.30
b1
0.23
0.254
0.28
c
0.20
----
0.25
c1
0.19
0.20
0.21
D
4.80
4.90
5.00
E
5.80
6.00
6.20
E1
3.80
----
4.00
e
0.635BSC
h
0.25
----
0.50
L
0.50
0.65
0.80
L1
1.05BSC

0
-----
8°



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com