Electronic Components Datasheet Search
  English  ▼

X  

CL1 Datasheet(PDF) 1 Page - Eaton All Rights Reserved.

Part # CL1
Description  Type CL 1-inch Classified Replacement Breaker
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EATON [Eaton All Rights Reserved.]
Direct Link  https://www.eaton.com
Logo EATON - Eaton All Rights Reserved.

CL1 Datasheet(HTML) 1 Page - Eaton All Rights Reserved.

  CL1 Datasheet HTML 1Page - Eaton All Rights Reserved.  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
pe.eaton.com
Type CL 1-inch Classified
Replacement Breaker
CL120
UPC:786676011556
Dimensions:
Height: 3 IN
q
Length: 3 IN
q
Width: 1 IN
q
Weight:.3 LB
Notes:Replacement for Square D Homeline, GE
Type THQ, Crouse-Hinds Type MP, Thomas and
Betts Type TB, Murray Type MP, ITE/Siemens Type
QP. Requires 1-inch (25.4 mm) space.
Warranties:
Limited lifetime residential, 1 year commercial
q
Specifications:
Amperage Rating: 20A
q
Interrupt Rating: 10 kAIC
q
Number Of Poles: Single-pole
q
Voltage Rating: 120/240V
q
Main Circuit Breaker: CL
q
Wire Size: #14-4 AWG Cu/Al
q
Used With: Type CH Loadcenters
q
Supporting documents:
Eatons Volume 1-Residential and Light
Commercial
q
Eaton Specification Sheet - CL120
q
Certifications:
UL 489
q
Product compliance: No Data
______________________________________________________________________
© 2016 Eaton. All rights reserved.


Similar Part No. - CL1

ManufacturerPart #DatasheetDescription
logo
Tyco Electronics
CL1 MACOM-CL1 Datasheet
455Kb / 3P
Thin Film Limiter Module 5 to 3000 MHz
logo
Supertex, Inc
CL1 SUTEX-CL1 Datasheet
1Mb / 7P
Simple 90V 20mA Temperature Compensated Constant Current LED Driver IC
logo
M/A-COM Technology Solu...
CL1 MA-COM-CL1 Datasheet
1Mb / 3P
Thin Film Limiter Module 5 to 3000 MHz
logo
Dialight Corporation
CL1-230-BL-P DIALIGHT-CL1-230-BL-P Datasheet
161Kb / 2P
CL1 SERIES COVELED1
CL1-230-CW-P DIALIGHT-CL1-230-CW-P Datasheet
161Kb / 2P
CL1 SERIES COVELED1
More results

Similar Description - CL1

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
285D VISHAY-285D Datasheet
32Kb / 2P
TYPE 285D Foil Tantalum Replacement
logo
Hammond Manufacturing L...
1584B HAMMOND-1584B Datasheet
61Kb / 1P
Replacement Circuit Breaker
logo
Crydom Inc.,
CL240D10R CRYDOM-CL240D10R Datasheet
872Kb / 7P
CL Series
logo
Schurter Inc.
T9-311 SCHURTER-T9-311_18 Datasheet
336Kb / 4P
Circuit Breaker for Equipment thermal, Threaded-neck type, 1 pole
logo
PHOENIX CONTACT
1212069 PHOENIX-1212069 Datasheet
47Kb / 2P
Replacement spring - CRIMPFOX/ SPR-1
1212083 PHOENIX-1212083 Datasheet
51Kb / 3P
Replacement die - CRIMPFOX-M SC 1/DIE
1212087 PHOENIX-1212087 Datasheet
50Kb / 3P
Replacement die - CRIMPFOX-M CX-1/DIE
1212282 PHOENIX-1212282 Datasheet
48Kb / 3P
Replacement die - CRIMPFOX-M HS-1/DIE
1212290 PHOENIX-1212290 Datasheet
50Kb / 2P
Replacement die - CRIMPFOX-RCI 6-1/DIE
1212300 PHOENIX-1212300 Datasheet
48Kb / 2P
Replacement die - CRIMPFOX-RCT 25-1/DIE
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com