Electronic Components Datasheet Search
  English  ▼

X  

2413 Datasheet(PDF) 1 Page - Belden Inc.

Part # 2413
Description  Category 6 Enhanced Cable, 4 Pair, U/UTP, CMP
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BELDEN [Belden Inc.]
Direct Link  https://www.belden.com/
Logo BELDEN - Belden Inc.

2413 Datasheet(HTML) 1 Page - Belden Inc.

  2413 Datasheet HTML 1Page - Belden Inc. 2413 Datasheet HTML 2Page - Belden Inc. 2413 Datasheet HTML 3Page - Belden Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
Product: 2413
Category 6+ Enhanced Cable, 4 Pair, U/UTP, CMP
Product Description
Category 6+ Enhanced Premise Horizontal Cable (350MHz), 4 Pair, 23 AWG Solid Bare Copper Conductors, U/UTP, Plenum-CMP, Flamarrest® PVC-LS
Jacket
Technical Specifications
Product Overview
Suitable Applications:
Premise Horizontal Cable, Ethernet 1000BASE-T, Ethernet 100BASE-TX, Ethernet 10BASE-T, PoE++, PoE+, PoE
Patent:
This product has one or more applicable patents. More information on patents can be found at https://www.belden.com/resources/patents.
Construction Details
Conductor
AWG Stranding
Material
Number of Pairs
23
Solid
BC - Bare Copper 4
Insulation
Material
Color Code
PO+FEP - Polyolefin + Fluorinated Ethylene Propylene White/Blue Stripe & Blue, White/Orange Stripe & Orange, White/Green Stripe & Green, White/Brown Stripe & Brown
Bonded-Pair:
No
Outer Jacket Material
Separator Material
Material
Material Trade Name Nom. Diameter Ripcord
Dielectric Tape (Patented) PVC - Polyvinyl Chloride Flamarrest®
0.224 in
Yes
Electrical Characteristics
Electricals
Max. Conductor DCR Max. DCR Unbalance Max. Capacitance Unbalance Nom. Mutual Capacitance
78 Ohm/km
3%
330 pF/100m
17 pF/ft
Delay
Frequency [MHz]
Max. Delay
Max. Delay Skew
100 MHz
537.6 ns/100m 35 ns/100m
High Freq
Frequency
[MHz]
Max. Insertion Loss
(Attenuation)
Min.
NEXT [dB]
Min.
PSNEXT [dB]
Min.
ACR [dB]
Min.
PSACR [dB]
Min. ACRF
(ELFEXT) [dB]
Min. PSACRF
(PSELFEXT) [dB]
Min. RL (Return
Loss) [dB]
Max./Min. Input
Impedance (unFitted)
Max./Min. Fitted
Impedance
1 MHz
2.0 dB/100m
79.3 dB
77.3 dB
77.3 dB
75.3 dB
70.8 dB
67.8 dB
20.0 dB
100 ± 15
102 ± 15
4 MHz
3.7 dB/100m
70.3 dB
68.3 dB
66.5 dB
64.5 dB
58.8 dB
55.8 dB
23.6 dB
100 ± 15
100 ± 15
8 MHz
5.3 dB/100m
65.8 dB
63.8 dB
60.5 dB
58.5 dB
52.7 dB
49.7 dB
25.3 dB
100 ± 15
100 ± 15
10 MHz
5.9 dB/100m
64.3 dB
62.3 dB
58.4 dB
56.4 dB
50.8 dB
47.8 dB
26.0 dB
100 ± 15
100 ± 15
16 MHz
7.4 dB/100m
61.2 dB
59.2 dB
53.8 dB
51.8 dB
46.7 dB
43.7 dB
26.0 dB
100 ± 15
100 ± 15
20 MHz
8.3 dB/100m
59.8 dB
57.8 dB
51.4 dB
49.4 dB
44.8 dB
41.8 dB
26.0 dB
100 ± 15
100 ± 15
25 MHz
9.4 dB/100m
58.3 dB
56.3 dB
49.0 dB
47.0 dB
42.8 dB
39.8 dB
25.5 dB
100 ± 15
100 ± 15
31.25 MHz
10.5 dB/100m
56.9 dB
54.9 dB
46.4 dB
44.4 dB
40.9 dB
37.9 dB
25.0 dB
100 ± 15
100 ± 15
62.5 MHz
15.1 dB/100m
52.4 dB
50.4 dB
37.3 dB
35.3 dB
34.9 dB
31.9 dB
23.5 dB
100 ± 15
100 ± 15


Similar Part No. - 2413

ManufacturerPart #DatasheetDescription
logo
KR Electronics, Inc.
2413 KR-2413 Datasheet
22Kb / 2P
Bandpass Filter
logo
List of Unclassifed Man...
2413 ETC2-2413 Datasheet
395Kb / 1P
CAPTIVE PANEL SCREWS
2413 ETC2-2413 Datasheet
116Kb / 5P
CAT6 (350 MHz), 4-Pair, U/UTP-Unshielded, Plenum-CMP, Premise Horizontal Cable
logo
ASSUN MOTOR Pte Ltd.
2413 ASSUN-2413 Datasheet
314Kb / 1P
HIGH TEMPERATURE SERIES
2023-A
2413 ASSUN-2413 Datasheet
241Kb / 1P
STANDARD SERIES
2023-A
More results

Similar Description - 2413

ManufacturerPart #DatasheetDescription
logo
Belden Inc.
4812 BELDEN-4812 Datasheet
284Kb / 3P
Category 6 Enhanced Cable, 4 Pair, U/UTP, CMR
1213 BELDEN-1213 Datasheet
175Kb / 3P
Category 5E Cable, 4 Pair, U/UTP, CMP
2022 Belden, Inc
1585LC BELDEN-1585LC Datasheet
179Kb / 2P
Category 5e Cable, 4 Pair, U/UTP, LC, CMP
2022 Belden, Inc
10GX13 BELDEN-10GX13 Datasheet
177Kb / 3P
10GX Category 6A Enhanced Cable, 4 Pair, U/UTP, CMP
2022 Belden, Inc
10GX33 BELDEN-10GX33 Datasheet
168Kb / 3P
10GX Category 6A Enhanced Cable, 4 Bonded-Pairs, U/UTP, CMP
2022 Belden, Inc
DPLN25 BELDEN-DPLN25 Datasheet
174Kb / 2P
Category 3 Backbone Cable, 25 Pair, U/UTP, CMP
2022 Belden, Inc
IBDN25P BELDEN-IBDN25P Datasheet
168Kb / 2P
Category 5e Backbone Cable, 25 Pair, U/UTP, CMP
2022 Belden, Inc
IOP6U BELDEN-IOP6U Datasheet
159Kb / 3P
Category 6 Indoor/Outdoor Cable, 4 Pair, U/UTP, CMP/CMX, Gel Free
2022 Belden, Inc
M58183 BELDEN-M58183 Datasheet
238Kb / 3P
Mohawk Category 6 Cable, 4 Pair, F/UTP, CMP
2022 Belden, Inc
1352A BELDEN-1352A Datasheet
167Kb / 3P
Category 6 Cable, 4 Pair, F/UTP, CMP
01-20-2023
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com