Electronic Components Datasheet Search
  English  ▼

X  

HM5031DR Datasheet(PDF) 2 Page - Shenzhen Huazhimei Semiconductor Co., Ltd

Part # HM5031DR
Description  Series- High input Voltage Linear Li-Ion Battery Charger
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HMSEMI [Shenzhen Huazhimei Semiconductor Co., Ltd]
Direct Link  http://www.hmsemi.com/
Logo HMSEMI - Shenzhen Huazhimei Semiconductor Co., Ltd

HM5031DR Datasheet(HTML) 2 Page - Shenzhen Huazhimei Semiconductor Co., Ltd

  HM5031DR Datasheet HTML 1Page - Shenzhen Huazhimei Semiconductor Co., Ltd HM5031DR Datasheet HTML 2Page - Shenzhen Huazhimei Semiconductor Co., Ltd HM5031DR Datasheet HTML 3Page - Shenzhen Huazhimei Semiconductor Co., Ltd HM5031DR Datasheet HTML 4Page - Shenzhen Huazhimei Semiconductor Co., Ltd HM5031DR Datasheet HTML 5Page - Shenzhen Huazhimei Semiconductor Co., Ltd HM5031DR Datasheet HTML 6Page - Shenzhen Huazhimei Semiconductor Co., Ltd HM5031DR Datasheet HTML 7Page - Shenzhen Huazhimei Semiconductor Co., Ltd HM5031DR Datasheet HTML 8Page - Shenzhen Huazhimei Semiconductor Co., Ltd HM5031DR Datasheet HTML 9Page - Shenzhen Huazhimei Semiconductor Co., Ltd Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 11 page
background image
ORDERING INFORMATION
PART NUMBER
(note1)
VBAT
“CE” PIN Enable Logic
MARK
(note2)
HM5031ADR
4.2V
High Enable
31XXAYW
HM5031BDR
4.3V
High Enable
31XXBYW
HM5031CDR
4.35V
High Enable
31XXCYW
HM5031DDR
4.4V
High Enable
31XXDYW
HM5031ADRN
4.2V
NC
31XXANYW
HM5031BDRN
4.3V
NC
31XXBNYW
HM5031CDRN
4.35V
NC
31XXCNYW
HM5031DDRN
4.4V
NC
31XXDNYW
Note1:In HM5031XDR、HM5031XDRN description, X may be A or B or C or D
Note2: “YW” is manufacture date code, “Y” means the year, “W” means the week
HM5031DR



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com