Electronic Components Datasheet Search
  English  ▼

X  

HM5083 Datasheet(PDF) 6 Page - Shenzhen Huazhimei Semiconductor Co., Ltd

Part # HM5083
Description  3A Synchronous Buck 3 Cells Li-ion Charger
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HMSEMI [Shenzhen Huazhimei Semiconductor Co., Ltd]
Direct Link  http://www.hmsemi.com/
Logo HMSEMI - Shenzhen Huazhimei Semiconductor Co., Ltd

HM5083 Datasheet(HTML) 6 Page - Shenzhen Huazhimei Semiconductor Co., Ltd

  HM5083 Datasheet HTML 1Page - Shenzhen Huazhimei Semiconductor Co., Ltd HM5083 Datasheet HTML 2Page - Shenzhen Huazhimei Semiconductor Co., Ltd HM5083 Datasheet HTML 3Page - Shenzhen Huazhimei Semiconductor Co., Ltd HM5083 Datasheet HTML 4Page - Shenzhen Huazhimei Semiconductor Co., Ltd HM5083 Datasheet HTML 5Page - Shenzhen Huazhimei Semiconductor Co., Ltd HM5083 Datasheet HTML 6Page - Shenzhen Huazhimei Semiconductor Co., Ltd HM5083 Datasheet HTML 7Page - Shenzhen Huazhimei Semiconductor Co., Ltd HM5083 Datasheet HTML 8Page - Shenzhen Huazhimei Semiconductor Co., Ltd HM5083 Datasheet HTML 9Page - Shenzhen Huazhimei Semiconductor Co., Ltd  
Zoom Inzoom in Zoom Outzoom out
 6 / 9 page
background image
- 6 -
APPLICATION INFORMATION
HM5083 is a wide range VIN(4V-20V), 3A 3 cell asynchronous boost Li-Ion battery charger integrates
500KHz switching frequency and full protection functions. The charge current can be programmed up
to Max 3A by using the external resistor for different portable applications and indicates the charger
current information simultaneous. In constant current mode, the charge current is set by the external
sense resistor RSNS and an internal 50mV reference;
IBAT=VRS/RSNS=50mV/RSNS
When the battery voltage approaches the programmed float voltage, the charge current will start to
decrease. When the current drops to 10% of the full-scale charge current, an internal comparator turns
off charging is terminated
Input Source Qualification
After REGN amplifier powers up, the
HM5083 checks the current capability of the input source. The
input source has to meet the VREG>1V to enable the chip
Battery Temperature Detection
The
HM5083 continuously monitors temperature by measuring the voltage between the NTC and GND
pins. A negative or a positive temperature coefficient thermistor (NTC, PTC) and an external voltage
divider typically develop this voltage. The
HM5083 compares this voltage against its internal VNTC-H
and VNTC-L thresholds to determine if charging is allowed. The temperature sensing circuit is immune
to any fluctuation in LV5, since both the external voltage divider and the internal thresholds (VNTC-H
and VNTC-L) are referenced to LV5.
The resistor values of R1 and R2 are calculated by the following equations:
For NTC Thermistors:
K1 (VNTC-H) =30%,
K2 (VNTC-L) =70%.
Automatic Recharge
Once the charge cycle is terminated, the
HM5083 continuously monitors the voltage on the BAT pin
using a comparator with a 1.8ms filter time (tRECHARGE). A charge cycle restarts when the battery
voltage falls below 12.47V (which corresponds to approximately 80% to 90% battery capacity). This
ensures that the battery is kept at or near a fully charged condition and eliminates the need for periodic
charge cycle initiations.
Where RTL is the low temperature resistance and RTH is the high temperature resistance of thermistor,
as specified by the thermistor manufacturer. R1 or R2 can be omitted if only one temperature (low or
high) setting is required. Applying a voltage between the VNTC-H and VNTC-L thresholds to pin NTC
disables the temperature-sensing feature.
3A Synchronous Buck 3 Cells Li-ion Charger
HM5083



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com