Electronic Components Datasheet Search
  English  ▼

X  

HM5110 Datasheet(PDF) 4 Page - Shenzhen Huazhimei Semiconductor Co., Ltd

Part # HM5110
Description  Touch control three-way LED headlight driver IC
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HMSEMI [Shenzhen Huazhimei Semiconductor Co., Ltd]
Direct Link  http://www.hmsemi.com/
Logo HMSEMI - Shenzhen Huazhimei Semiconductor Co., Ltd

HM5110 Datasheet(HTML) 4 Page - Shenzhen Huazhimei Semiconductor Co., Ltd

  HM5110 Datasheet HTML 1Page - Shenzhen Huazhimei Semiconductor Co., Ltd HM5110 Datasheet HTML 2Page - Shenzhen Huazhimei Semiconductor Co., Ltd HM5110 Datasheet HTML 3Page - Shenzhen Huazhimei Semiconductor Co., Ltd HM5110 Datasheet HTML 4Page - Shenzhen Huazhimei Semiconductor Co., Ltd HM5110 Datasheet HTML 5Page - Shenzhen Huazhimei Semiconductor Co., Ltd HM5110 Datasheet HTML 6Page - Shenzhen Huazhimei Semiconductor Co., Ltd  
Zoom Inzoom in Zoom Outzoom out
 4 / 6 page
background image
电特性
(
VDD=4.5V,TA = 25°C, 除非特别说明)
◆ 电特性参数
参数
符号
测试条件
最小值
典型值
最大值
单位
输入电压范围
VBAT
—
2.5
5
V
功率
FET 导通电
阻
RDS(ON)1
VLX1=0.2V , VDD=4.5V
120
mΩ
RDS(ON)2
VLX2=0.2V , VDD=4.5V
120
mΩ
RDS(ON)3
VLX3=0.2V , VDD=4.5V
380
Ω
开关管脚漏电流
ILEAKAGE
VBAT=4.5V,OFF 状态
0
uA
Key 键上拉电阻
RVDD-Key
—
20
KΩ
KEY 输入低电平
VTEMP-L
—
30
%VDD
KEY 输入高电平
VTEMP-H
—
70
%VDD
LED 爆闪频率
f
VDD=4.5V
9
Hz
静态电流
Iq
VDD=4.5V,OFF 状态
0.1
uA
内部功能框图
4
1
3
Key
VEF
GND
VDD
2
LOGIC
OSC
4
5
6
L1
L2
L3
 
 
 
 



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com