Electronic Components Datasheet Search
  English  ▼

X  

CUB5R Datasheet(PDF) 7 Page - Red Lion Controls. Inc

Part # CUB5R
Description  MODEL CUB짰5 - MINIATURE ELECTRONIC 8-DIGIT DUAL COUNTER AND RATE INDICATOR
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  REDLION [Red Lion Controls. Inc]
Direct Link  http://www.redlion.net/
Logo REDLION - Red Lion Controls. Inc

CUB5R Datasheet(HTML) 7 Page - Red Lion Controls. Inc

Back Button CUB5R Datasheet HTML 3Page - Red Lion Controls. Inc CUB5R Datasheet HTML 4Page - Red Lion Controls. Inc CUB5R Datasheet HTML 5Page - Red Lion Controls. Inc CUB5R Datasheet HTML 6Page - Red Lion Controls. Inc CUB5R Datasheet HTML 7Page - Red Lion Controls. Inc CUB5R Datasheet HTML 8Page - Red Lion Controls. Inc CUB5R Datasheet HTML 9Page - Red Lion Controls. Inc CUB5R Datasheet HTML 10Page - Red Lion Controls. Inc CUB5R Datasheet HTML 11Page - Red Lion Controls. Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 16 page
background image
7
6.1 Module 1 - input Setup paraMeterS (1-INPUt)
COUNTER A DECIMAL POSITION
COUNTER A SCALE FACTOR
The number of input counts is multiplied by the scale factor to obtain the
desired process value. A scale factor of 1.0000 will result in the display of the
actual number of input counts. (Details on scaling calculations are explained at
the end of this section.)*
This selects the decimal point position for Counter A. The selection will also
affect Counter A scale factor calculations.
00.0001
to 99.9999
COUNTER RESET AT POWER-UP
yES
NO
COUNT MODE
Select the count mode that corresponds with your application. The input
actions are shown in the boxes below. For simple counting applications, it is
recommended to use Count with Direction for the count mode. Simply leave the
direction input unconnected.
COUNTER B DECIMAL POSITION
This selects the decimal point position for Counter B. The selection will also
affect Counter B scale factor calculations.
COUNTER B SCALE FACTOR
The number of input or batch counts is multiplied by the scale factor to
obtain the desired process value. A scale factor of 1.0000 will result in the
display of the actual number of input or batch counts. (Details on scaling
calculations are explained at the end of this section.)*
00.0001
to 99.9999
Count
b
NO
both A-b
Count A
Cnt ud
qUAd 1
Add Add
dUAL Cnt
RAtE Cnt
qUAd 4
qUAd 2
Add Sub
0.00000
0.000
0.0
0.0000
0.00
0
0.00000
0.000
0.0
0.0000
0.00
0
Cnt ud
INP A-b
0
CntA dP
01.0000
CmtA ScF
COUNTER A COUNT LOAD VALUE
Counter A resets to this value if Reset to Count Load action is selected.
-9999999
to 99999999
00000500
CmtA Ld
COUNTER B BATCH COUNT ENABLE
The Counter B batch count function internally counts the number of output
activations of the selected setpoint(s). The count source for the batch counter
can be SP1, SP2 or both. Batch counting is available in all count modes except
Dual Counter, which uses an external input signal for Counter B. This
parameter only appears if a Setpoint Output option card is installed.
NO
Cmtb bAt
0
Cntb dP
01.0000
NO
RSt P-UP
Shaded area selections only apply when Counter B is enabled (Dual Counter
mode or batch counter).
Counter A Subtract
Counter A Add
Counter A Add
Counter A Add
Quad A
Count A
Quad A
Count A
Quad A
Count A
Counter B Add
Counter A Add
Counter A Add
Rate only
Counter A Direction
Counter A
INPUT B ACTION
INPUT A ACTION
Add Sub
2 Input Add/Subtract
Add Add
2 Input Add/Add
qUAd 4
Quadrature x4
qUAd 2
Quadrature x2
qUAd 1
Quadrature x1
dUAL Cnt
Dual Counter
RAtE Cnt
Rate/Counter
Cnt ud
Count with Direction
DISPLAY
MODE
The selected counter(s) will reset at each meter power-up.
* For value entry instructions, refer to selection/value entry in the Programming
The Meter section.
Note: The Rate indicator signal is derived from Input A in all count modes.
Cntb ScF
COUNTER A RESET ACTION
When Counter A is reset, it returns to Zero or Counter A Count Load value.
This reset action applies to all Counter A resets, except a setpoint generated
Counter Auto Reset programmed in Module 4.
to 2Ero
CmtA rSt
to 2Ero
to CtLd
COUNTER A COUNT DIRECTION
Reverse (rEV) switches the normal Counter A count direction shown in the
Count Mode parameter chart.
NOr
CmtA dir
NOr
rEV
NO
SP2
SP1
SP1-2
Counter A
Decimal Point
Counter A
Scale Factor
User Input
Function
Counter B
Decimal Point
Counter B
Scale Factor
Counter Reset
at Power-up
User Input
Assignment
Count
Mode
SEL
Dual Count or Batch
Only
Dual Count
or Batch
Only
INP A-b
CntA dP
CntA ScF
Cntb ScF
RSt P-UP
USEr INP
USEr ASN
1-INPUt
Pro
CntA dir
Counter A
Count
Direction
Counter A
Reset Action
CntArSt
CntA Ld
Counter A
Count Load
Value
Counter B
Batch Count
Enable
Cntb bAt
Cntb dP
PARAMETER MENU



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com