Electronic Components Datasheet Search
  English  ▼

X  

CUB5B Datasheet(PDF) 8 Page - Red Lion Controls. Inc

Part # CUB5B
Description  MODEL CUB짰5 - MINIATURE ELECTRONIC 8-DIGIT DUAL COUNTER AND RATE INDICATOR
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  REDLION [Red Lion Controls. Inc]
Direct Link  http://www.redlion.net/
Logo REDLION - Red Lion Controls. Inc

CUB5B Datasheet(HTML) 8 Page - Red Lion Controls. Inc

Back Button CUB5B Datasheet HTML 4Page - Red Lion Controls. Inc CUB5B Datasheet HTML 5Page - Red Lion Controls. Inc CUB5B Datasheet HTML 6Page - Red Lion Controls. Inc CUB5B Datasheet HTML 7Page - Red Lion Controls. Inc CUB5B Datasheet HTML 8Page - Red Lion Controls. Inc CUB5B Datasheet HTML 9Page - Red Lion Controls. Inc CUB5B Datasheet HTML 10Page - Red Lion Controls. Inc CUB5B Datasheet HTML 11Page - Red Lion Controls. Inc CUB5B Datasheet HTML 12Page - Red Lion Controls. Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 16 page
background image
8
6.2 Module 2 - rate Setup paraMeterS (2-rAtE)
SEL
Rate Decimal
Point
Rate
Enable
Rate Scaling
Display Value
Rate High
Update Time
Rate Scaling
Input Value
Rate Low
Update Time
2-rAtE
RAtE Enb
RAtE
dP
RAtE dSP
RAtE INP
LO-Udt
HI-Udt
Pro
PARAMETER MENU
RATE ENABLE
Module 2 is the programming for the rate parameters. For maximum input
frequency, Rate Enable should be set to NO when not in use. When set to NO, the
remaining rate parameters are not accessible. The rate value is shown with an
annunciator of “R” in the Display Mode.
This selects the decimal point position for the rate display and any setpoint
value assigned to rate. This parameter does not affect rate scaling calculations.
RATE DECIMAL POINT
0.00000
0.000
0.0
0.0000
0.00
0
RATE SCALING INPUT VALUE
RATE SCALING DISPLAY VALUE
Enter the desired Rate Display Value for the Scaling Point.*
Enter the corresponding Rate Input Value for the Scaling Point.*
0
to 999999
0.1
to 99999.9
*For value entry instructions, refer to selection/value entry in the Programming
The Meter section.
USER INPUT ASSIGNMENT
The User Input Assignment is only active when Counter B is enabled and the
User Input performs a Reset, Inhibit or Store function on one or both counters.
USER INPUT FUNCTION
MODE
DISPLAY
No Function
NO
DESCRIPTION
User Input disabled.
Program Mode Lock-out
Pro Loc
rESEt
Inhibit
Inhibit counting for the selected counter(s).
Store
StorE
Store and Reset
Stor-rSt
Display Select *
d-SELECt
d-LEVEL
Increase intensity one level for each
activation. (backlight version only)
rESEt-12
rESEt-2
rESEt-1
Prnt-r5t
Print
d-COLOr
Advance once for each activation
both A-b
Count b
Count A
See Programming Mode Access chart.
(Module 3)
Setpoint 1 and 2 Reset *
Setpoint 2 Reset *
Setpoint 1 Reset *
Print and Reset *
Print Request
Backlight Color *
Edge triggered reset of the selected
counter(s) after storing the count.
NO
USEr INP
Count A
USEr ASN
YES
RAtE Enb
001000
RAtE dSP
O
RAtE dP
01000.0
RAtE INP
YES
NO
Reset Setpoint 1 and 2 outputs
Reset Setpoint 2 output
Reset Setpoint 1 output
Same as Print Request followed by a
momentary reset of the selected counter(s).
Change backlight color with each activation
(backlight version only)
Inhibit
Maintained Reset
Freeze display of selected counter(s) while
allowing counts to accumulate internally.
Display Intensity Level *
Serial transmit of the active parameters
selected in the Print Options (Module 5)
SCALING FOR COUNT INDICATION
The CUB5’s scale factor is factory set to 1, to provide one count on the
display for each pulse that is input to the unit. In many applications, there will
not be a one-to-one correspondence between input pulses and display units.
Therefore, it is necessary for the CUB5 to scale or multiply the input pulses by
a scale factor to achieve the desired display units (feet, meters, gallons, etc.)
The Count Scale Factor Value can range from 00.0001 to 99.9999. It is
important to note that the precision of a counter application cannot be improved
by using a scale factor greater than one. To accomplish greater precision, more
pulse information must be generated per measuring unit. The following formula
is used to calculate the scale factor.
Scale Factor = Desired Display Units x Decimal Point Position
Number of Pulses
WHERE:
Desired Display Units: Count display units acquired after pulses that occurred.
Number of Pulses: Number of pulses required to achieve the desired
display units.
Decimal Point Position:
0
=
1
0.0
=
10
0.00
=
100
0.000
=
1000
0.0000
=
10000
0.00000 =
100000
EXAMPLE: The counter display is used to indicate the total number of feet
used in a process. It is necessary to know the number of pulses for the desired
units to be displayed. The decimal point is selected to show the resolution in
hundredths.
Scale Factor = Desired Display Units x Decimal Point Position
Number of Pulses
Given that 128 pulses are equal to 1 foot, display total feet with a one-
hundredth resolution.
Scale Factor = 1.00 x 100
128
Scale Factor = 0.007812 x 100
Scale Factor = 0.7812
Level active reset of the selected counter(s).
Note: * indicates Edge Triggered function. Other functions are Level Active
(maintained)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com