Electronic Components Datasheet Search
  English  ▼

X  

CUB5RLY Datasheet(PDF) 2 Page - Red Lion Controls. Inc

Part # CUB5RLY
Description  MODEL CUB짰5 - MINIATURE ELECTRONIC 8-DIGIT DUAL COUNTER AND RATE INDICATOR
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  REDLION [Red Lion Controls. Inc]
Direct Link  http://www.redlion.net/
Logo REDLION - Red Lion Controls. Inc

CUB5RLY Datasheet(HTML) 2 Page - Red Lion Controls. Inc

  CUB5RLY Datasheet HTML 1Page - Red Lion Controls. Inc CUB5RLY Datasheet HTML 2Page - Red Lion Controls. Inc CUB5RLY Datasheet HTML 3Page - Red Lion Controls. Inc CUB5RLY Datasheet HTML 4Page - Red Lion Controls. Inc CUB5RLY Datasheet HTML 5Page - Red Lion Controls. Inc CUB5RLY Datasheet HTML 6Page - Red Lion Controls. Inc CUB5RLY Datasheet HTML 7Page - Red Lion Controls. Inc CUB5RLY Datasheet HTML 8Page - Red Lion Controls. Inc CUB5RLY Datasheet HTML 9Page - Red Lion Controls. Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 16 page
background image
1. DISPLAY: 8 digit LCD 0.46" (11.7 mm) high digits
CUB5R000: Reflective LCD with full viewing angle
CUB5B000: Transmissive LCD with selectable red or green LED backlight,
viewing angle optimized. Display color change capability with output state
when using an output module.
2. POWER: Input voltage range is +9 to +28 VDC with short circuit and input
polarity protection. Must use an RLC model MLPS or an NEC Class 2 or
Limited Power Source (LPS) rated power supply.
MODEL
NO.
DISPLAY COLOR
INPUT CURRENT
@ 9 VDC WITHOUT
CUB5RLY0
INPUT CURRENT
@ 9 VDC WITH
CUB5RLY0
CUB5R000
---
10 mA
30 mA
CUB5B000
Red (max intensity)
85 mA
115 mA
CUB5B000
Green (max intensity)
95 mA
125 mA
3. COUNTER DISPLAYS:
Counter A: 8-digits, enabled in all count modes
Display Range: -9999999 to 99999999
Overflow Indication: Display flashes “Cnt OVEr”
Counter B: 7-digits, enabled in Dual Counter Mode or batch counting
Display Designator: “b” to the left side of the display
Display Range: 0 to 9999999 (positive count only)
Overflow Indication: Display flashes “bCntOVEr”
Maximum Count Rates: 50% duty cycle
Without setpoint option card: 20 KHz (all count modes)
With setpoint option card: 20 KHz for any count mode except Dual Counter
(16 KHz), Quadrature x2 (14 KHz) and Quadrature x4 (13 KHz).
4. RATE DISPLAY: 6-digits, may be enabled or disabled in any count mode
Display Designator: “R” to the left side of the display
Display Range: 0 to 999999
Over Range Display: “R OLOLOL”
Maximum Frequency: 20 KHz
Minimum Frequency: 0.01 Hz
Accuracy: ±0.01%
5. COUNT/RATE SIGNAL INPUTS (INP A and INP B):
Input A: DIP switch selectable to accept pulses from a variety of sources.
See Section 2.0 Setting the DIP Switches for Input A specifications.
Input B: Logic signals only
Trigger levels: VIL = 0.7 V max; VIH = 2.4 V min; VMAX = 28 VDC
Current sinking: Internal 10KΩ pull-up resistor to +9 to 28 VDC
Filter (LO Freq.): Damping capacitor provided for switch contact bounce.
Limits input frequency to 50 Hz and input pulse widths to 10 msec min.
6. USER INPUT (USR): Programmable input. Connect to input common (INP
COMM) to activate function. Internal 10KΩ pull-up resistor to +9 to 28 VDC.
Threshold Levels: VIL = 0.7 V max; VIH = 2.4 V min; VMAX = 28 VDC
Response Time: 5 msec typ.; 50 msec debounce (activation and release)
7. MEMORY: Nonvolatile E2PROM memory retains all programming
parameters and count values when power is removed.
8. CONNECTIONS: Wire clamping screw terminals
Wire Strip Length: 0.3" (7.5 mm)
Wire Gage: 30-14 AWG copper wire
Torque: 3.5 inch-lbs (0.395 N-m) max.
9. CONSTRUCTION: This unit rated for Type 4X/IP65 requirements for indoor/
outdoor use. Installation Category I, Pollution Degree 2. High impact plastic
case with clear viewing window. Panel gasket and mounting clip included.
10. ENVIRONMENTAL CONDITIONS:
Operating Temperature Range for CUB5R000: -35 to 75 °C
Operating Temperature Range for CUB5B000 depends on display color
and intensity level as per below:
INTENSITY LEVEL
TEMPERATURE
Red Display
1 & 2
-35 to 75°C
3
-35 to 70°C
4
-35 to 60°C
5
-35 to 50°C
Green Display
1 & 2
-35 to 75°C
3
-35 to 65°C
4
-35 to 50°C
5
-35 to 35°C
Storage Temperature: -35 to 85 °C
Operating and Storage Humidity: 0 to 85% max. relative humidity (non-
condensing)
Vibration to IEC 68-2-6: Operational 5-500 Hz, 5 g
Shock to IEC 68-2-27: Operational 40 g
Altitude: Up to 2000 meters
11. CERTIFICATIONS AND COMPLIANCES:
CE Approved
EN 61326-1 Immunity to Industrial Locations
Emission CISPR 11 Class A
Safety requirements for electrical equipment for measurement, control, and
laboratory use:
EN 61010-1: General Requirements
EN 61010-2-030: Particular Requirements for Testing and Measuring
Circuits
RoHS Compliant
UL Recognized Component: File #E179259
UL Listed: File #E137808
Type 4X Indoor/Outdoor Enclosure rating (Face only)
IP65 Enclosure rating (Face only)
IP20 Enclosure rating (Rear of unit)
Refer to EMC Installation Guidelines for additional information.
12. WEIGHT: 3.2 oz (100 g)
2
General Meter SpecificationS
orderinG inforMation
TYPE
MODEL NO.
DESCRIPTION
PART NUMBER
CUB5
CUB5R
Dual Counter & Rate Indicator with Reflective Display
CUB5R000
CUB5B
Dual Counter & Rate Indicator with Backlight Display
CUB5B000
Optional Plug-in Cards
CUB5RLY
Single Relay Option Card
CUB5RLY0
CUB5SNK
Dual Sinking Open Collector Output card
CUB5SNK0
CUB5COM
RS485 Serial Communications Card
CUB5COM1
RS232 Serial Communications Card
CUB5COM2
CUB5USB
USB Programming Card
CUB5USB0
Accessories
MLPS
+12 VDC Micro-Line Power Supply, 85 to 250 VAC source, 400 mA max out
MLPS1000
+24 VDC Micro-Line Power Supply, 85 to 250 VAC source, 200 mA max out
MLPS2000
CBLPRO
Programming Cable RS232 (RJ11-DB9)
CBLPROG0
CBPRO
Communication Cable RS485 (RJ11-DB9)
CBPRO007
SFCRD
Crimson PC Configuration Software, Free Download Available1
SFCRD200
CBLUSB
USB Programming Cable
CBLUSB00
1 Crimson software is a free download from http://www.redlion.net. System requirements for the software are listed on the download page.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com