Electronic Components Datasheet Search
  English  ▼

X  

CSC16AC Datasheet(PDF) 3 Page - Tripp Lite. All Rights Reserved

Part # CSC16AC
Description  Multi-Device Charging Station, 16 AC Outlets, Chromebooks and Laptops, Wall-Mount and Cart Options, Black
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TRIPPLITE [Tripp Lite. All Rights Reserved]
Direct Link  http://www.tripplite.com/
Logo TRIPPLITE - Tripp Lite. All Rights Reserved

CSC16AC Datasheet(HTML) 3 Page - Tripp Lite. All Rights Reserved

  CSC16AC Datasheet HTML 1Page - Tripp Lite. All Rights Reserved CSC16AC Datasheet HTML 2Page - Tripp Lite. All Rights Reserved CSC16AC Datasheet HTML 3Page - Tripp Lite. All Rights Reserved CSC16AC Datasheet HTML 4Page - Tripp Lite. All Rights Reserved  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
PHYSICAL
Antimicrobial Coating
No
Charging Station Form Factor
Stationary Cabinet
Color
Black
Material of Construction
Steel
Shipping Dimensions (hwd / cm)
62.31 x 59.99 x 85.50
Shipping Dimensions (hwd / in.)
24.53 x 23.62 x 33.66
Shipping Weight (kg)
46.27
Shipping Weight (lbs.)
102.00
Slot Dimensions (hwd / in.)
10.6 x 1.5 x 15.4
Slot Dimensions (hwd / mm)
268.1 x 38.2 x 390.5
Unit Dimensions (hwd / cm)
47.54 x 77.04 x 54.86
Unit Dimensions (hwd / in.)
18.8 x 30.3 x 21.6
Unit Weight (kg)
34.10
Unit Weight (lbs.)
75.17
Number of Shelves
1
SPECIAL FEATURES
Cord Management
Yes
EMI/RFI Line Noise Protection
No
Locking
Yes
Lock Type
Key
Built-In Circuit Breaker
Yes
Overcurrent Protection
Yes
Flow-Through Ventilation
Yes
UV Sterilization
No
STANDARDS & COMPLIANCE
Certifications
Tested to EIA-310-E, FCC & IEC Class B, UL 60950-1 (Power Component)
Approvals
RoHS
NOM (Mexico)
Tested to NOM (Mexico)
WARRANTY
Product Warranty Period
(Worldwide)
2-year limited warranty
CATEGORY PAGE FILTERS (Y/N ONLY)
3 / 4



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com