Electronic Components Datasheet Search
  English  ▼

X  

A24N16MP Datasheet(PDF) 13 Page - Pentair plc. All rights reserved.

Part # A24N16MP
Description  Panels and Panel Accessories
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PENTAIR [Pentair plc. All rights reserved.]
Direct Link  https://www.pentair.com/
Logo PENTAIR - Pentair plc. All rights reserved.

A24N16MP Datasheet(HTML) 13 Page - Pentair plc. All rights reserved.

Back Button A24N16MP Datasheet HTML 8Page - Pentair plc. All rights reserved. A24N16MP Datasheet HTML 9Page - Pentair plc. All rights reserved. A24N16MP Datasheet HTML 10Page - Pentair plc. All rights reserved. A24N16MP Datasheet HTML 11Page - Pentair plc. All rights reserved. A24N16MP Datasheet HTML 12Page - Pentair plc. All rights reserved. A24N16MP Datasheet HTML 13Page - Pentair plc. All rights reserved. A24N16MP Datasheet HTML 14Page - Pentair plc. All rights reserved. A24N16MP Datasheet HTML 15Page - Pentair plc. All rights reserved. A24N16MP Datasheet HTML 16Page - Pentair plc. All rights reserved.  
Zoom Inzoom in Zoom Outzoom out
 13 / 16 page
background image
Panels and Panel accessories Panels for enclosures
Spec-00310 W
Pentair electrical
SUBJECT TO CHANGE WITHOUT NOTICE
accessories
13
side-MoUnTed Panels
Panels provide extra mounting space on the sides of enclosures.
12 gauge steel side-mounting panels are painted white. conductive
panels are steel with a conductive, corrosion-resistant coating.
Panels attach securely to mounting channels. Plated steel
mounting hardware is furnished.
BULLETIN: PNL30
Catalog Number
Description
Panel Size
D x E
in./mm
Fits
Enclosure A
in./mm
A60SMP14
Painted steel
48.00 x 14.00
1219 x 356
60.00
1524
A60SMP14G
Conductive
48.00 x 14.00
1219 x 356
60.00
1524
A72SMP14
Painted steel
60.00 x 14.00
1524 x 356
72.00
1829
A72SMP14G
Conductive
60.00 x 14.00
1524 x 356
72.00
1829
A72SMP20
Painted steel
60.00 x 20.00
1524 x 508
72.00
1829
A72SMP20G
Conductive
60.00 x 20.00
1524 x 508
72.00
1829
A90SMP14
Painted steel
78.00 x 14.00
1981 x 356
90.00
2286
A90SMP14G
Conductive
78.00 x 14.00
1981 x 356
90.00
2286
Catalog Number
Description
Panel Size
D x E
in./mm
Fits
Enclosure A
in./mm
A90SMP20
Painted steel
78.00 x 20.00
1981 x 508
90.00
2286
A90SMP20G
Conductive
78.00 x 20.00
1981 x 508
90.00
2286
A90SMP14 and A90SMP14G will not fit 18.06-in.deep two-door enclosures (FSD style) if regular panel is also
installed.
A90SMP20 and A90SMP20G will not fit 20.12-in. deep enclosures. Will not fit 24.12-in. deep two-door
enclosures (FSD style) if regular panel is also installed.
HeaVY dUTY Panel sUPPorTs
Heavy Duty Panel Supports, sold in pairs, are used in place of
the panel supports furnished with panels when heavy equipment
will be installed on the panels. they extend to the bottom of the
enclosure. adjustable mounting studs allow mounting of different
height panels or a combination of panels. Use mounting hardware
furnished with panels.
BULLETIN: A80
Catalog Number
Fits Enclosure A
in./mm
Support Length
in./mm
A60FSHDPS
60.00
1524
57.25
1454
A72FSHDPS
72.00
1829
69.25
1759
A90FSHDPS
90.00
2286
87.25
2216



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com