Electronic Components Datasheet Search
  English  ▼

X  

125MB Datasheet(PDF) 2 Page - List of Unclassifed Manufacturers

Part # 125MB
Description  Ultrafiltration element
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC1 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC1 - List of Unclassifed Manufacturers

125MB Datasheet(HTML) 2 Page - List of Unclassifed Manufacturers

  125MB Datasheet HTML 1Page - List of Unclassifed Manufacturers 125MB Datasheet HTML 2Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
125 UF/MB/TAP
modifications reserved
SI
US
Ultrafiltration element
Specifications125UF/MB/TAP
Element data
Material housing
PVC
PVC
Material connector
PVC
PVC
Housing length
mm
250 +/- 2,0
inch
10
Element length**
mm
307 +/- 3,0
inch
12
Element length
mm
354 +/- 3,0
inch
14
Distance permeate connector-feed connector**
mm
94
+/- 2,0
inch
4
Distance permeate connector-feed connector
mm
121 +/- 2,0
inch
5
Distance permeate connector-element center
mm
46 +/- 2,0
inch
101
Permeate connection male OD
1/2"
1/2"
Feed connection male OD
1/2"
1/2"
Housing OD
mm
32
inch
1
Element OD
mm
40
inch
2
Endcaps ID**
mm
20
inch
0,8
Weight including endcaps
kg
0,2
lbs
0,4
Membrane Type
Material
PES
PES
Type
SevenBore®
SevenBore®
Diameter bores ID
mm
0,9
inch
0,04
Diameter fiber OD
mm
4,0
inch
0,16
MWCO
kD 100-150
kD 100-150
Area
m²
0,05
ft²
1
Typical Process Conditions
Maximum operating temperature
°C
40
°F
104
Maximum system pressure
bar
10
psi
145
Trans membrane pressure operation
bar
< 1,0
psi
< 14,5
maximum
bar
2,5
psi
36
Productivity
clean water at 25° C (77°F) l/m²barh
1300-1600
gfd/psi
53-65
process
l/m²h
100 to 350
gfd
60 to 210
backwash/forward flush
l/m²h
250
gfd
150
Permeate flow at 100 l/m² h
l/h
5
gpm
0,02
pH range during operation
3-10
3-10
Cleaning
Soaking time during cleaning
min 5
pH range during cleaning
1-13
Disinfecting chemicals
hypochlorite (NaOCI)
ppm 50-200
hydrogenperoxide (H2O2)
ppm 100-200
**without screew ends (provided separately)
revision februari 2011
Lenntech
info@lenntech.com Tel. +31-152-610-900
www.lenntech.com Fax. +31-152-616-289
info@lenntech.com Tel. +31-152-610-900
www.lenntech.com Fax. +31-152-616-289



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com