Electronic Components Datasheet Search
  English  ▼

X  

1335X Datasheet(PDF) 8 Page - List of Unclassifed Manufacturers

Part # 1335X
Description  OPERATING INSTRUCTIONS & PARTS MANUAL
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC1 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC1 - List of Unclassifed Manufacturers

1335X Datasheet(HTML) 8 Page - List of Unclassifed Manufacturers

  1335X Datasheet HTML 1Page - List of Unclassifed Manufacturers 1335X Datasheet HTML 2Page - List of Unclassifed Manufacturers 1335X Datasheet HTML 3Page - List of Unclassifed Manufacturers 1335X Datasheet HTML 4Page - List of Unclassifed Manufacturers 1335X Datasheet HTML 5Page - List of Unclassifed Manufacturers 1335X Datasheet HTML 6Page - List of Unclassifed Manufacturers 1335X Datasheet HTML 7Page - List of Unclassifed Manufacturers 1335X Datasheet HTML 8Page - List of Unclassifed Manufacturers 1335X Datasheet HTML 9Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 8 / 9 page
background image
8
1356X TWO-SPEED POWER WINCH ATTACHMENT
S0934 #20
S0935 #21
S1035 #22
PC PART#
DESCRIPTION
Qt
PC
PART# DESCRIPTION
Qt
1
A0160
Jackshaft Assembly
1
15
S0108
Thumb Screw, 1/4nc X 3/4"
4
1B
S0219
40b10 Sprocket, 3/4" Bore
1
16
S0215
Sheave, 12" OD 3/4" Bore
1
2
C0054
Sheave, 2 Groove
1
17
S0216
Sheave, 10" OD 3/4" Bore
1
3
G103321 Washer, Lock 3/8" ZP
2
18
S0222
40B60 Sprocket, Bore
1
4
G120214 Washer, 5/16" Lock
12
19
S0223
#40 Roller Chain
1
5
G120376 Nut, 5/16nc Hex
12
20
S0934
Decal:"Caution Keep"
1
6
G120377 Nut, 3/8nc Hex ZP
2
21
S0935
Decal, Keep Hands ...
1
7
G120393 Washer, 5/16" Flat
8
22
S1035
Decal:Shield Is Off
1
8
G137185 Pin, 1/8" X 1" Cotter
2
23
S1064
Belt
1
9
G180077 Bolt, 5/16nc X 3/4" Hex
8
24
S1195
Decal, Silo-Matic
1
10
G180120 HHCS 3/8nc X 3/4" G5 ZP
2
25
W0237 Drive Shield W/Decals
1
11
M1979
Motor Support Bracket
1
26
W0238 Mounting Plate
1
12
M1980
Motor Bracket Pin
1
A
1335X
Winch Gearbox (Ref.)
13
M1981
Bracket, 2 Speed Drive
1
B
Electric Motor (Ref.)
14
M1982
Motor Mount Plate
1



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com