Electronic Components Datasheet Search
  English  ▼

X  

HM6245 Datasheet(PDF) 4 Page - Shenzhen Huazhimei Semiconductor Co., Ltd

Part # HM6245
Description  1A Low Power LDO
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HMSEMI [Shenzhen Huazhimei Semiconductor Co., Ltd]
Direct Link  http://www.hmsemi.com/
Logo HMSEMI - Shenzhen Huazhimei Semiconductor Co., Ltd

HM6245 Datasheet(HTML) 4 Page - Shenzhen Huazhimei Semiconductor Co., Ltd

  HM6245 Datasheet HTML 1Page - Shenzhen Huazhimei Semiconductor Co., Ltd HM6245 Datasheet HTML 2Page - Shenzhen Huazhimei Semiconductor Co., Ltd HM6245 Datasheet HTML 3Page - Shenzhen Huazhimei Semiconductor Co., Ltd HM6245 Datasheet HTML 4Page - Shenzhen Huazhimei Semiconductor Co., Ltd HM6245 Datasheet HTML 5Page - Shenzhen Huazhimei Semiconductor Co., Ltd HM6245 Datasheet HTML 6Page - Shenzhen Huazhimei Semiconductor Co., Ltd HM6245 Datasheet HTML 7Page - Shenzhen Huazhimei Semiconductor Co., Ltd HM6245 Datasheet HTML 8Page - Shenzhen Huazhimei Semiconductor Co., Ltd HM6245 Datasheet HTML 9Page - Shenzhen Huazhimei Semiconductor Co., Ltd Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 15 page
background image
Ver1.6
4
Mar 3,2015
Marking Rule
SOT89-3
① represents the integer of the output voltage
SYMBOL
VOLTAGE(V)
1
1.②
2
2.②
3
3.②
4
4.②
5
5.②
6
6.②
② represents the decimal number of the output voltage
SYMBOL
VOLTAGE(V)
SYMBOL
VOLTAGE(V)
A
①.0
F
①.5
B
①.1
H
①.6
C
①.2
K
①.7
D
①.3
L
①.8
E
①.4
M
①.9
③ based on internal standards
SYMBOL
0
④ represents the assembly LOT No.
Based on internal standards
1A Low Power LDO



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com