Electronic Components Datasheet Search
  English  ▼

X  

HM8651MS Datasheet(PDF) 2 Page - Shenzhen Huazhimei Semiconductor Co., Ltd

Part # HM8651MS
Description  Power Supply Rail to Rail I/O
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HMSEMI [Shenzhen Huazhimei Semiconductor Co., Ltd]
Direct Link  http://www.hmsemi.com/
Logo HMSEMI - Shenzhen Huazhimei Semiconductor Co., Ltd

HM8651MS Datasheet(HTML) 2 Page - Shenzhen Huazhimei Semiconductor Co., Ltd

  HM8651MS Datasheet HTML 1Page - Shenzhen Huazhimei Semiconductor Co., Ltd HM8651MS Datasheet HTML 2Page - Shenzhen Huazhimei Semiconductor Co., Ltd HM8651MS Datasheet HTML 3Page - Shenzhen Huazhimei Semiconductor Co., Ltd HM8651MS Datasheet HTML 4Page - Shenzhen Huazhimei Semiconductor Co., Ltd HM8651MS Datasheet HTML 5Page - Shenzhen Huazhimei Semiconductor Co., Ltd HM8651MS Datasheet HTML 6Page - Shenzhen Huazhimei Semiconductor Co., Ltd HM8651MS Datasheet HTML 7Page - Shenzhen Huazhimei Semiconductor Co., Ltd  
Zoom Inzoom in Zoom Outzoom out
 2 / 7 page
background image
2
Absolute Maximum Ratings
Item
Symbol
Value
Unit
Power Supply
Vdd
7.0
V
Input Voltage
Vin
0~7.0
V
Different Input Voltage
VinD
+/-5.5
V
Standby Consumption
Pd
200
mW
Operation Temperature
Topr
-40~85
C
Storage Temperature
Tstg
-55~125
C
Recommended Operating Conditions
Item
Symbol
Value
Unit
Operation Power Supply
Vdd
2.7~5.5
V
Common Input Voltage
Vin
0~5
V
DC/AC Electrical Characteristics
Item
Sym
Test Condition
Min
Typ
Max
Unit
Power Current
Idd
Vdd=5V
Vcm=Vout=2.5V
2.5
6
mA
Input Offset Voltage
Vio
Vcm=2.5V, HM8651A
+/-2
+/-7
mV
Vcm=2.5V,HM8651B
+/-4
+/-10
mV
Input Offset Current
Ios
+/-5
+/-20
pA
Input Bias Current
Ib
+/-5
+/-20
pA
Common Input
Vcmr
0
4.2
V
Output Max
Voh
RL=10k
4.9
V
Output Min
Vol
RL=10k
0.1
V
Common Mode
Reject Ratio
CMRR
Vcm=0~Vdd
50
70
dB
Power Supply Reject
Ratio
PSRR
Vdd=3.0~5.5V
50
70
dB
Output Current
Iout
Vout=0.5V~4.5V
30
mA
Open Gain
Go
RL=10k
60
80
dB
Operation Temp
T
-40
+85
C
Differential Input
Impedance
10E13//2.5
Ω//pf
Short Circuit
Current
Isc
+/-60
mA
Input Voltage Noise
6
uVrms
Slew Rate
SR
RL=1.0M,CL=15pf
80
V/us
Unit Gain
Bandwidth
Ft
RL=10K
40
MHz
(Vdd=5V,Ta=25C)
HM8651



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com