Electronic Components Datasheet Search
  English  ▼

X  

SF44 Datasheet(PDF) 1 Page - HY ELECTRONIC CORP.

Part # SF44
Description  Super Fast Recovery Recitifiers
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HY [HY ELECTRONIC CORP.]
Direct Link  http://www.hygroup.com.tw
Logo HY - HY ELECTRONIC CORP.

SF44 Datasheet(HTML) 1 Page - HY ELECTRONIC CORP.

  SF44 Datasheet HTML 1Page - HY ELECTRONIC CORP. SF44 Datasheet HTML 2Page - HY ELECTRONIC CORP. SF44 Datasheet HTML 3Page - HY ELECTRONIC CORP.  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
Features
DO-27
●
Fast switching for high efficiency
●
Low cost
RoHS
●
Low reverse leakage current
COMPLIANT
●
High current capability
●
Low forward voltage drop
●
Meet UL flammability classification 94V-0
Mechanical Data
●
Case: JEDEC DO-27 Molded plastic
●
Polarity: Color band denotes cathode
●
Mounting position: Any
Note: Products with logo
or
are made by HY Electronic (Cayman) Limited.
Applications
●
For use in SMPS, high frequency inverters, PWM and polarity
protection applications
●
Fast switching for high efficiency
Maximum Ratings and Electrical Characteristics
Rating at 25℃ ambient temperature unless otherwise specified.
Single phase, half wave, 60Hz, resistive or inductive load.
For capacitive load, derate current by 20%.
Characteristics
Symbol
SF41
SF42
SF43
SF44
SF45
SF46
SF48
Unit
Maximum Repetitive Peak Reverse Voltage
VRRM
50
100
150
200
300
400
600
V
Maximum RMS Voltage
VRMS
35
70
105
140
210
280
420
V
Maximum DC Blocking Voltage
VDC
50
100
150
200
300
400
600
V
Maximum Average Forward Rectified Current @TA=55℃
I(AV)
A
Peak Forward Surge Current, 8.3mS Single Half Sine-Wave,
Superimposed on Rated Load (JEDEC Method)
Peak Forward Voltage at 4.0A DC (Note1)
VF
1.7
V
Maximum DC Reverse Current @TJ=25℃
at Rated DC Blocking Voltage @TJ=100℃
Maximum Reverse Recovery Time (Note 2)
Trr
nS
Typical Junction Capacitance (Note3)
CJ
pF
Typical Thermal Resistance Junction to Ambient
RθJA
℃/W
Operating Junction Temperature Range
TJ
℃
Storage Temperature Range
TSTG
℃
SF4*-A-00-00
Rev. 11, 18-May-2020
SF41 THRU SF48
Reverse Voltage - 50 to 600 Volts
Forward Current - 4.0 Amperes
Package Outline Dimensions in Inches (Millimeters)
60
15
-55 to +150
4.0
0.95
1.3
5.0
100
www.hygroup.com.tw
Super Fast Recovery Recitifiers
IFSM
IR
Pb
A
μA
125
-55 to +150
Notes:
1. 300uS pulse width, 2%duty cycle.
2. Measured with IF=0.5A,IR=1A,IRR=0.25A .
3. Measured at 1.0 MHz and applied reverse voltage of 4.0V DC.
4. The typical data above is for reference only.
35
80


Similar Part No. - SF44

ManufacturerPart #DatasheetDescription
logo
Mospec Semiconductor
SF44 MOSPEC-SF44 Datasheet
127Kb / 2P
POWER RECTIFIERS(4.0A,50-400V)
logo
GOOD-ARK Electronics
SF44 GOOD-ARK-SF44 Datasheet
173Kb / 2P
Glass Passivated Super Fast Rectifiers Reverse Voltage 50 to 1000 Volts Forward Current 4.0 Amperes
logo
Rectron Semiconductor
SF44 RECTRON-SF44 Datasheet
41Kb / 2P
GLASS PASSIVATED SUPER FAST RECTIFIER VOLTAGE 200 Volts CURRENT 4.0 Amperes
logo
Leshan Radio Company
SF44 LRC-SF44 Datasheet
206Kb / 7P
per Fast Plastic Rectifiers Reverse Voltage 50 to 600V Forward Current 4.0A
logo
Vanlong Technology Co.,...
SF446A VANLONG-SF446A Datasheet
143Kb / 2P
446.00 MHz SAW Filter
More results

Similar Description - SF44

ManufacturerPart #DatasheetDescription
logo
HY ELECTRONIC CORP.
1N4933 HY-1N4933_V01 Datasheet
827Kb / 3P
Fast Recovery Recitifiers
FR101 HY-FR101_V01 Datasheet
826Kb / 3P
Fast Recovery Recitifiers
FR101S HY-FR101S_V01 Datasheet
827Kb / 3P
Fast Recovery Recitifiers
FR301 HY-FR301_V01 Datasheet
342Kb / 3P
Fast Recovery Recitifiers
SF11 HY-SF11_V01 Datasheet
400Kb / 3P
Super Fast Recovery Recitifiers
SF21 HY-SF21_V01 Datasheet
406Kb / 3P
Super Fast Recovery Recitifiers
SF31 HY-SF31_V01 Datasheet
411Kb / 3P
Super Fast Recovery Recitifiers
SF51 HY-SF51_V01 Datasheet
413Kb / 3P
Super Fast Recovery Recitifiers
SF51G HY-SF51G Datasheet
412Kb / 3P
Super Fast Recovery Glass Passivated Recitifiers
SF61 HY-SF61_V01 Datasheet
405Kb / 3P
Super Fast Recovery Recitifiers
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com