Electronic Components Datasheet Search
  English  ▼

X  

WSD3070DN Datasheet(PDF) 2 Page - Shenzhen Guan Hua Wei Ye Co., Ltd

Part # WSD3070DN
Description  N-Ch MOSFET
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WIINSOK [Shenzhen Guan Hua Wei Ye Co., Ltd]
Direct Link  http://www.winsok.tw/index.html
Logo WIINSOK - Shenzhen Guan Hua Wei Ye Co., Ltd

WSD3070DN Datasheet(HTML) 2 Page - Shenzhen Guan Hua Wei Ye Co., Ltd

  WSD3070DN Datasheet HTML 1Page - Shenzhen Guan Hua Wei Ye Co., Ltd WSD3070DN Datasheet HTML 2Page - Shenzhen Guan Hua Wei Ye Co., Ltd WSD3070DN Datasheet HTML 3Page - Shenzhen Guan Hua Wei Ye Co., Ltd WSD3070DN Datasheet HTML 4Page - Shenzhen Guan Hua Wei Ye Co., Ltd WSD3070DN Datasheet HTML 5Page - Shenzhen Guan Hua Wei Ye Co., Ltd WSD3070DN Datasheet HTML 6Page - Shenzhen Guan Hua Wei Ye Co., Ltd WSD3070DN Datasheet HTML 7Page - Shenzhen Guan Hua Wei Ye Co., Ltd WSD3070DN Datasheet HTML 8Page - Shenzhen Guan Hua Wei Ye Co., Ltd WSD3070DN Datasheet HTML 9Page - Shenzhen Guan Hua Wei Ye Co., Ltd  
Zoom Inzoom in Zoom Outzoom out
 2 / 9 page
background image
Symbol
Parameter
Conditions
Min.
Typ.
Max.
Unit
BVDSS
Drain-Source Breakdown Voltage
VGS=0V , ID=250uA
25
---
---
V
△
BVDSS/△TJ BVDSS Temperature Coefficient
Reference to 25℃ , ID=1mA
---
0.028
---
V/℃
RDS(ON)
Static Drain-Source On-Resistance
2
VGS=
4.5V , ID=20A
---
2.5
3.4
m
Ω
VGS=
2.5V , ID=20A
---
3.0
4.0
VGS(th)
Gate Threshold Voltage
VGS=VDS , ID =250uA
0.5
0.8
1.1
V
△
VGS(th)
VGS(th) Temperature Coefficient
---
-6.16
---
mV/℃
IDSS
Drain-Source Leakage Current
VDS=24V , VGS=0V , TJ=25℃
---
---
1
uA
VDS=24V , VGS=0V , TJ=55℃
---
---
5
IGSS
Gate-Source Leakage Current
VGS=±20V , VDS=0V
---
---
±
100
nA
gfs
Forward Transconductance
VDS=5V , ID=
40A
---
74
---
S
Rg
Gate Resistance
VDS=0V , VGS=0V , f=1MHz
---
0.85
1.1
Ω
Qg
Total Gate Charge (4.5V)
VDS=15V, VGS=10V, IDS=20A
---
96
134
nC
Qgs
Gate-Source Charge
---
5.5
7.7
Qgd
Gate-Drain Charge
---
16
22
Td(on)
Turn-On Delay Time
VDD=15V, RL=15Ω ,
IDS=1A, VGEN=10V,
RG=6Ω
---
16.6
31
ns
Tr
Rise Time
---
12.2
24
Td(off)
Turn-Off Delay Time
---
135
244
Tf
Fall Time
---
48
87
Ciss
Input Capacitance
VDS=15V , VGS=0V , f=1MHz
---
4920
---
pF
Coss
Output Capacitance
---
510
---
Crss
Reverse Transfer Capacitance
---
350
---
Symbol
Parameter
Conditions
Min.
Typ.
Max.
Unit
IS
Continuous Source Current
1,6
VG=VD=0V , Force Current
---
---
20
A
ISM
Pulsed Source Current
2,6
---
---
70
A
VSD
Diode Forward Voltage
2
VGS=0V , IS=1A , TJ=25℃
---
---
1.1
V
trr
Reverse Recovery Time
IF=
40A , dI/dt=100A/µs , TJ=25℃
---
14.8
---
nS
Qrr
Reverse Recovery Charge
---
3.9
---
nC
Electrical Characteristics (TJ=25 ℃, unless otherwise noted)
Diode Characteristics
WSD3070DN
Page 2
www.winsok.tw
Dec.2014
N-Ch MOSFET
Note d:Pulse test; pulse width ≤ 300
µs, duty cycle ≤ 2%.
Note e:Guaranteed by design, not subject to production testing.



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com