Electronic Components Datasheet Search
  English  ▼

X  

A72FSCPS Datasheet(PDF) 1 Page - Pentair plc. All rights reserved.

Part # A72FSCPS
Description  Panels and Panel Accessories
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PENTAIR [Pentair plc. All rights reserved.]
Direct Link  https://www.pentair.com/
Logo PENTAIR - Pentair plc. All rights reserved.

A72FSCPS Datasheet(HTML) 1 Page - Pentair plc. All rights reserved.

  A72FSCPS Datasheet HTML 1Page - Pentair plc. All rights reserved. A72FSCPS Datasheet HTML 2Page - Pentair plc. All rights reserved. A72FSCPS Datasheet HTML 3Page - Pentair plc. All rights reserved. A72FSCPS Datasheet HTML 4Page - Pentair plc. All rights reserved. A72FSCPS Datasheet HTML 5Page - Pentair plc. All rights reserved. A72FSCPS Datasheet HTML 6Page - Pentair plc. All rights reserved. A72FSCPS Datasheet HTML 7Page - Pentair plc. All rights reserved. A72FSCPS Datasheet HTML 8Page - Pentair plc. All rights reserved. A72FSCPS Datasheet HTML 9Page - Pentair plc. All rights reserved. Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 16 page
background image
Panels and Panel accessories Panels for enclosures
Spec-00310 W
Pentair electrical
SUBJECT TO CHANGE WITHOUT NOTICE
accessories
1
SPEC-00310
PerForaTed Panels
Perforated panels are 16 gauge steel and accept self-tapping screws and eliminate the need to measure, mark and drill when mounting
components. Use for mounting lightweight control components.
BULLETIN: PNLP
Catalog Number
Use in
Panel Size D x E (in.)
Panel Size D x E (mm)
A6N6PP
Small Type 1 Panel Enclosures and Small Type 3R Boxes
4.25 x 4.25
108 x 108
A8N6PP
Small Type 1 Panel Enclosures and Small Type 3R Boxes
6.25 x 4.25
159 x 108
A8N8PP
Small Type 1 Panel Enclosures and Small Type 3R Boxes
6.25 x 6.25
159 x 159
A10N8PP
Small Type 1 Panel Enclosures and Small Type 3R Boxes
8.25 x 6.25
210 x 159
A10N10PP
Small Type 1 Panel Enclosures and Small Type 3R Boxes
8.25 x 8.25
210 x 210
A12N10PP
Small Type 1 Panel Enclosures and Small Type 3R Boxes
10.25 x 8.25
260 x 210
A12N12PP
Small Type 1 Panel Enclosures and Small Type 3R Boxes
10.25 x 10.25
260 x 260
A14N12PP
Small Type 1 Panel Enclosures and Small Type 3R Boxes
12.25 x 10.25
311 x 260
A16N12PP
Small Type 1 Panel Enclosures and Small Type 3R Boxes
14.25 x 10.25
362 x 260
A20N12PP
Small Type 1 Panel Enclosures and Small Type 3R Boxes
18.25 x 10.25
464 x 260
A16N12MPP
Medium Type 1 Panel Enclosures
13.00 x 10.50
330 x 267
A16N16MPP
Medium Type 1 Panel Enclosures
13.00 x 14.50
330 x 368
A16N20MPP
Medium Type 1 Panel Enclosures
13.00 x 18.50
330 x 470
A18N18MPP
Medium Type 1 Panel Enclosures
15.00 x 16.50
381 x 419
A20N12MPP
Medium Type 1 Panel Enclosures
17.00 x 10.50
432 x 267
A20N16MPP
Medium Type 1 Panel Enclosures
17.00 x 14.50
432 x 368
A20N20MPP
Medium Type 1 Panel Enclosures
17.00 x 18.50
432 x 470
A24N16MPP
Medium Type 1 Panel Enclosures
21.00 x 14.50
533 x 368
A24N20MPP
Medium Type 1 Panel Enclosures
21.00 x 18.50
533 x 470
A24N24MPP
Medium Type 1 Panel Enclosures
21.00 x 22.50
533 x 572
A30N20MPP
Medium Type 1 Panel Enclosures
26.00 x 18.50
660 x 470
A30N24MPP
Medium Type 1 Panel Enclosures
26.00 x 22.50
660 x 572
A30N30MPP
Medium Type 1 Panel Enclosures
26.00 x 28.50
660 x 724
A36N24MPP
Medium Type 1 Panel Enclosures
32.00 x 22.50
813 x 572
A36N30MPP
Medium Type 1 Panel Enclosures
32.00 x 26.50
813 x 724
A16P12PP
Medium Type 3R Hinged-Cover Panel Enclosures
13.00 x 9.00
330 x 229
A16P16PP
Medium Type 3R Hinged-Cover Panel Enclosures
13.00 x 13.00
330 x 330
A20P16PP
Medium Type 3R Hinged-Cover Panel Enclosures
17.00 x 13.00
432 x 330
A18P18PP
Medium Type 3R Hinged-Cover Panel Enclosures
15.00 x 15.00
381 x 381
A20P20PP
Medium Type 3R Hinged-Cover Panel Enclosures
17.00 x 17.00
432 x 732
A24P20PP
Medium Type 3R Hinged-Cover Panel Enclosures
21.00 x 17.00
533 x 432
A24P24PP
Medium Type 3R Hinged-Cover Panel Enclosures
21.00 x 21.00
533 x 533
A30P24PP
Medium Type 3R Hinged-Cover Panel Enclosures
27.00 x 21.00
686 x 533
A36P24PP
Medium Type 3R Hinged-Cover Panel Enclosures
33.00 x 21.00
838 x 533
A30P30PP
Medium Type 3R Hinged-Cover Panel Enclosures
27.00 x 27.00
686 x 686
A36P30PP
Medium Type 3R Hinged-Cover Panel Enclosures
33.00 x 27.00
838 x 686
A36P36PP
Medium Type 3R Hinged-Cover Panel Enclosures
33.00 x 33.00
838 x 838


Similar Part No. - A72FSCPS

ManufacturerPart #DatasheetDescription
logo
Tyco Electronics
A72 MACOM-A72 Datasheet
115Kb / 1P
5 TO 500 MHz CASCADABLE AMPLIFIER
A72 MACOM-A72 Datasheet
378Kb / 2P
Cascadable Amplifier 5 to 500 MHz
logo
M/A-COM Technology Solu...
A72 MA-COM-A72 Datasheet
1Mb / 2P
Cascadable Amplifier 5 to 500 MHz
A72 MA-COM-A72 Datasheet
645Kb / 3P
Cascadable Amplifier 5 to 500 MHz
A72-SMA72 MA-COM-A72-SMA72 Datasheet
1Mb / 2P
Cascadable Amplifier
More results

Similar Description - A72FSCPS

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
AX103253 ETC2-AX103253 Datasheet
113Kb / 4P
Faceplates and Panels - CAT6 Patch Panel - KeyConnect
AX103255 ETC2-AX103255 Datasheet
116Kb / 4P
Faceplates and Panels - CAT6 Patch Panel - KeyConnect
AX103260 ETC2-AX103260 Datasheet
109Kb / 4P
Faceplates and Panels - HD Patch Panel - HD-Style
AX103261 ETC2-AX103261 Datasheet
110Kb / 4P
Faceplates and Panels - HD Patch Panel - HD-Style
logo
PANDUIT CORP.
QAPP24BL PANDUIT-QAPP24BL Datasheet
120Kb / 2P
QuickNet Patch Panels and Accessories
logo
Belden Inc.
AX105365 BELDEN-AX105365 Datasheet
233Kb / 2P
AX105365 Faceplates and Panels - Angled Patch Panel - KeyConnect
AX105348 BELDEN-AX105348 Datasheet
230Kb / 2P
AX105348 Faceplates and Panels - Angled Patch Panel - KeyConnect
AX105301 BELDEN-AX105301 Datasheet
228Kb / 2P
AX105301 Faceplates and Panels - Angled Patch Panel - KeyConnect
AX104592 BELDEN-AX104592 Datasheet
101Kb / 2P
AX104592 Faceplates and Panels - KeyConnect Patch Panel - KeyConnect
AX104569 BELDEN-AX104569 Datasheet
99Kb / 2P
Faceplates and Panels - AngleFlex Patch Panel - KeyConnect
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com