Electronic Components Datasheet Search
  English  ▼

X  

ADC32RF80 Datasheet(PDF) 46 Page - Texas Instruments

Click here to check the latest version.
Part # ADC32RF80
Description  ADC32RF8x Dual-Channel, 3-GSPS Telecom Receiver and Feedback Devices
PDF  138 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

ADC32RF80 Datasheet(HTML) 46 Page - Texas Instruments

Back Button ADC32RF80 Datasheet HTML 42Page - Texas Instruments ADC32RF80 Datasheet HTML 43Page - Texas Instruments ADC32RF80 Datasheet HTML 44Page - Texas Instruments ADC32RF80 Datasheet HTML 45Page - Texas Instruments ADC32RF80 Datasheet HTML 46Page - Texas Instruments ADC32RF80 Datasheet HTML 47Page - Texas Instruments ADC32RF80 Datasheet HTML 48Page - Texas Instruments ADC32RF80 Datasheet HTML 49Page - Texas Instruments ADC32RF80 Datasheet HTML 50Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 46 / 138 page
background image
u
NCO
16
2949.12 MSPS
f
38230
1720.35 MHz
2
u S
NCO
16
DDCxNCOy
f
f
2
46
ADC32RF80, ADC32RF83
SBAS774A – MAY 2016 – REVISED DECEMBER 2016
www.ti.com
Product Folder Links: ADC32RF80 ADC32RF83
Submit Documentation Feedback
Copyright © 2016, Texas Instruments Incorporated
The complex exponential sequence is multiplied by the real input from the ADC to mix the desired carrier down
to 0 Hz.
Each ADC channel has two DDCs. The first DDC has three NCOs and the second DDC has one NCO. The first
DDC can dynamically select one of the three NCOs based on the GPIO pin or SPI selection. In wide-bandwidth
mode (lower decimation factors, for example, 4 and 6), there can only be one DDC for each ADC channel. The
NCO frequencies can be programmed independently through the DDCx, NCO[4:1], and the MSB and LSB
register settings.
The NCO frequency setting is set by the 16-bit register value given by Equation 3:
where
•
x = 0, 1
•
y = 1 to 4
(3)
For example:
If fS = 2949.12 MSPS, then the NCO register setting = 38230 (decimal).
Thus, fNCO is defined by Equation 4:
(4)
Any register setting changes that occur after the JESD204B interface is operational results in a non-deterministic
NCO phase. If a deterministic phase is required, the JESD204B interface must be reinitialized after changing the
register setting.
8.3.5 NCO Switching
The first DDC (DDC0) on each ADC channel provides three different NCOs that can be used for phase-coherent
frequency hopping. This feature is available in both single-band and dual-band mode, but only affects DDC0.
The NCOs can be switched through an SPI control or by using the GPIO pins with the register configurations
shown in Table 6 for channel A (50xxh) and channel B (58Xxh). The assignment of which GPIO pin to use for
INSEL0 and INSEL1 is done based on Table 7, using registers 5438h and 5C38h. The NCO selection is done
based on the logic selection on the GPIO pins; see Table 8 and Figure 121.
Table 6. NCO Register Configurations
REGISTER
ADDRESS
DESCRIPTION
NCO CONTROL THROUGH GPIO PINS
NCO SEL pin
500Fh, 580Fh
Selects the NCO control through the SPI (default) or a GPIO pin.
INSEL0, INSEL1
5438h, 5C38h
Selects which two GPIO pins are used to control the NCO.
NCO CONTROL THROUGH SPI CONTROL
NCO SEL pin
500Fh, 580Fh
Selects the NCO control through the SPI (default) or a GPIO pin.
NCO SEL
5010h, 5810h
Selects which NCO to use for DDC0.
Table 7. GPIO Pin Assignment
INSELx[1:0] (Where x = 0 or 1)
GPIO PIN SELECTED
00
GPIO4
01
GPIO1
10
GPIO3
11
GPIO2



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com