Electronic Components Datasheet Search
  English  ▼

X  

ADC32RF80IRRHT Datasheet(PDF) 16 Page - Texas Instruments

Click here to check the latest version.
Part # ADC32RF80IRRHT
Description  ADC32RF8x Dual-Channel, 3-GSPS Telecom Receiver and Feedback Devices
PDF  138 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

ADC32RF80IRRHT Datasheet(HTML) 16 Page - Texas Instruments

Back Button ADC32RF80IRRHT Datasheet HTML 12Page - Texas Instruments ADC32RF80IRRHT Datasheet HTML 13Page - Texas Instruments ADC32RF80IRRHT Datasheet HTML 14Page - Texas Instruments ADC32RF80IRRHT Datasheet HTML 15Page - Texas Instruments ADC32RF80IRRHT Datasheet HTML 16Page - Texas Instruments ADC32RF80IRRHT Datasheet HTML 17Page - Texas Instruments ADC32RF80IRRHT Datasheet HTML 18Page - Texas Instruments ADC32RF80IRRHT Datasheet HTML 19Page - Texas Instruments ADC32RF80IRRHT Datasheet HTML 20Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 138 page
background image
Input Frequency (MHz)
0
250
500
750
1000
1250
-110
-100
-90
-80
-70
-60
-50
-40
-30
-20
-10
0
D063
Input Frequency (MHz)
0
250
500
750
1000
1250
-110
-100
-90
-80
-70
-60
-50
-40
-30
-20
-10
0
D064
Input Frequency (MHz)
0
300
600
900
1200
1500
-110
-100
-90
-80
-70
-60
-50
-40
-30
-20
-10
0
D009
Input Frequency (MHz)
0
300
600
900
1200
1500
-110
-100
-90
-80
-70
-60
-50
-40
-30
-20
-10
0
D010
Input Frequency (MHz)
0
250
500
750
1000
1250
-110
-100
-90
-80
-70
-60
-50
-40
-30
-20
-10
0
D061
Input Frequency (MHz)
0
250
500
750
1000
1250
-110
-100
-90
-80
-70
-60
-50
-40
-30
-20
-10
0
D062
16
ADC32RF80, ADC32RF83
SBAS774A – MAY 2016 – REVISED DECEMBER 2016
www.ti.com
Product Folder Links: ADC32RF80 ADC32RF83
Submit Documentation Feedback
Copyright © 2016, Texas Instruments Incorporated
Typical Characteristics (continued)
typical values are specified at an ambient temperature of 25°C; minimum and maximum values are specified over an ambient
temperature range of –40°C to +85°C; and ADC sampling rate = 2949.12 MSPS, DDC bypassed performance, 50% clock
duty cycle, AVDD19 = 1.9 V, AVDD = DVDD = 1.15 V, –2-dBFS differential input, and 0-dB digital gain (unless otherwise
noted)
fIN1 = 1.77 GHz, fIN2 = 1.79 GHz, AIN = –8 dBFS,
IMD = 76 dBFS
Figure 21. FFT for Two-Tone Input Signal
(–8 dBFS, fS = 2457.6 MSPS)
fIN1 = 1.77 GHz, fIN2 = 1.790 GHz, AIN = –36 dBFS,
IMD = 96 dBFS
Figure 22. FFT for Two-Tone Input Signal
(–36 dBFS, fS = 2457.6 MSPS)
fIN1 = 1.8 MHz, fIN2 = 2.6 GHz, AIN = –8 dBFS, IMD = 71 dBFS
Figure 23. FFT for Two-Tone Input Signal (–8 dBFS)
fIN1 = 1.8 GHz, fIN2 = 2.6 GHz, AIN = –36 dBFS, IMD = 94 dBFS
Figure 24. FFT for Two-Tone Input Signal
fIN1 = 2.09 GHz, fIN2 = 2.1 GHz, AIN = –8 dBFS, IMD = 76 dBFS
Figure 25. FFT for Two-Tone Input Signal
(–8 dBFS, fS = 2457.6 MSPS)
fIN1 = 2.09 MHz, fIN2 = 2.1 GHz, AIN = –36 dBFS,
IMD = 94 dBFS
Figure 26. FFT for Two-Tone Input Signal
(–36 dBFS, fS = 2457.6 MSPS)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com