Electronic Components Datasheet Search
  English  ▼

X  

WSD4046GDN Datasheet(PDF) 2 Page - Shenzhen Guan Hua Wei Ye Co., Ltd

Part # WSD4046GDN
Description  N-Ch MOSFET
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WIINSOK [Shenzhen Guan Hua Wei Ye Co., Ltd]
Direct Link  http://www.winsok.tw/index.html
Logo WIINSOK - Shenzhen Guan Hua Wei Ye Co., Ltd

WSD4046GDN Datasheet(HTML) 2 Page - Shenzhen Guan Hua Wei Ye Co., Ltd

  WSD4046GDN Datasheet HTML 1Page - Shenzhen Guan Hua Wei Ye Co., Ltd WSD4046GDN Datasheet HTML 2Page - Shenzhen Guan Hua Wei Ye Co., Ltd WSD4046GDN Datasheet HTML 3Page - Shenzhen Guan Hua Wei Ye Co., Ltd WSD4046GDN Datasheet HTML 4Page - Shenzhen Guan Hua Wei Ye Co., Ltd WSD4046GDN Datasheet HTML 5Page - Shenzhen Guan Hua Wei Ye Co., Ltd WSD4046GDN Datasheet HTML 6Page - Shenzhen Guan Hua Wei Ye Co., Ltd  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
N-Ch MOSFET
WSD4046GDN
Page 2
www.winsok.tw
Rev 1: Apr.2019
Symbol
Parameter
Conditions
Min.
Typ.
Max.
Unit
BVDSS
Drain-Source Breakdown Voltage
VGS=0V , ID=250uA
40
V
RDS(ON)
Static Drain-Source On-Resistancea
---
6.7
8.7
m
Ω
VGS(th)
Gate Threshold Voltage
1.0
1.55
2.5
V
△
VGS(th)
VGS(th) Temperature Coefficient
VGS=VDS , ID =250uA
---
---
6
---
mV/℃
VDS=
40V , VGS=0V , TJ=25℃
--
-
---
-
1
IDSS
Drain-Source Leakage Current
VDS=
40V , VGS=0V , TJ=55℃
---
---
-
10
uA
IGSS
Gate-Source Leakage Current
VGS=±20V , VDS=0V
--
-
---
-
±
100
nA
VDS
---
---
1.2
---
---
43
Α
Qg
Total Gate Charge (10V)
---
5.1
---
Qgs
Gate-Source Charge
---
2.9
---
Qgd
Gate-Drain Charge
VDS=20V, VGS=10V, IDS=15A
---
1.1
---
nC
Td(on)
Turn-On Delay Time
---
10
---
Tr
Rise Time
---
6.6
---
Td(off)
Turn-Off Dela T
y ime
---
18
---
Tf
T
Fall ime
---
12
---
ns
Ciss
Input Capacitance
---
550
---
Coss
Output Capacitance
---
130
---
Crss
Reverse Transfer Capacitance
VDS=
20V , VGS=0V , f=1MHz
---
45
---
pF
Electrical Characteristics (TJ=25℃, unless otherwise noted)
VGS=10V , ID=15A
RDS(ON)
Static Drain-Source On-Resistancea
---
10
13
VGS=4.5V , ID=8A
mΩ
---
---
VDS=20V,
RL=20Ω ,
VGS=10V,
RG=6Ω,
V
ISD= 1A , VGS=0V
IS
TC =25°C
Diode Forward Current
*AC
Diode Forward Voltage
A: The value of RθJA is measured with the device mounted on 1in2 FR-4 board with 2oz. Copper, in a still air environment with TA=25°C. The value in any given
application depends on the user's specific board design.
B: Pulse width limited by max, junction temperature.
C:
The current rating is based on the t≤ 10s junction to ambient thermal resistance rating
ID=1A.



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com