Electronic Components Datasheet Search
  English  ▼

X  

WSD4066DN Datasheet(PDF) 2 Page - Shenzhen Guan Hua Wei Ye Co., Ltd

Part # WSD4066DN
Description  Dual N-Ch MOSFET
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WIINSOK [Shenzhen Guan Hua Wei Ye Co., Ltd]
Direct Link  http://www.winsok.tw/index.html
Logo WIINSOK - Shenzhen Guan Hua Wei Ye Co., Ltd

WSD4066DN Datasheet(HTML) 2 Page - Shenzhen Guan Hua Wei Ye Co., Ltd

  WSD4066DN Datasheet HTML 1Page - Shenzhen Guan Hua Wei Ye Co., Ltd WSD4066DN Datasheet HTML 2Page - Shenzhen Guan Hua Wei Ye Co., Ltd WSD4066DN Datasheet HTML 3Page - Shenzhen Guan Hua Wei Ye Co., Ltd WSD4066DN Datasheet HTML 4Page - Shenzhen Guan Hua Wei Ye Co., Ltd WSD4066DN Datasheet HTML 5Page - Shenzhen Guan Hua Wei Ye Co., Ltd WSD4066DN Datasheet HTML 6Page - Shenzhen Guan Hua Wei Ye Co., Ltd WSD4066DN Datasheet HTML 7Page - Shenzhen Guan Hua Wei Ye Co., Ltd  
Zoom Inzoom in Zoom Outzoom out
 2 / 7 page
background image
WSD4066DN
www.winsok.tw
Page 2
Dec.2014
Electrical Characteristics (TJ=25 ℃, unless otherwise noted)
Symbol
Parameter
Test Conditions
Min.
Typ.
Max.
Unit
Static Characteristics
BV
DSS
Drain-Source Breakdown Voltage
VGS=0V, IDS=250A
40
-
-
V
IDSS
Zero Gate Voltage Drain Current
VDS=32V, VGS=0V
-
-
1
A
TJ=85°C
-
-
30
V
GS(th)
Gate Threshold Voltage
VDS=VGS, IDS=250A
1.0
1.5
2.0
V
I
GSS
Gate Leakage Current
VGS=±20V, VDS=0V
-
-
±100
nA
R
c
DS(ON)
Drain-Source On-state Resistance
VGS=10V, IDS=14A
-
14
17
m

VGS=4.5V, IDS=12 A
-
17
20
Diode Characteristics
V c
SD
Diode Forward Voltage
ISD=1A, VGS=0V
-
0.75
1.1
V
t
rr
Reverse Recovery Time
IDS=6A, dlSD /dt=100A/
s
-
13
-
ns
Q
rr
Reverse Recovery Charge
-
8.7
-
nC
Dynamic Characteristics
d
RG
Gate Resistance
VGS=0V,VDS=0V,F=1MHz
-
2.5
-
C
iss
Input Capacitance
VGS=0V,
VDS=20V,
Frequency=1.0MHz
-
815
-
pF
C
oss
Output Capacitance
-
95
-
C
rss
Reverse Transfer Capacitance
-
60
-
t
d(ON)
Turn-on Delay Time
VDD
=20V,
RL=20
, IDS=1A,
VGEN=10V, RG=6
-
7.8
-
ns
tr
Turn-on Rise Time
-
6.9
-
t
d( OFF)
Turn-off Delay Time
-
22.4
-
tf
Turn-off Fall Time
-
4.8
-
Gate Charge Characteristics
d
Qg
Total Gate Charge
VDS=20V, VGS=10V,
IDS=6A
-
15.7
22
nC
Qg
Total Gate Charge
VDS=20V, VGS=4.5V,
IDS=6A
-
7.5
10.5
Qgth
Threshold Gate Charge
-
1.85
-
Q
gs
Gate-Source Charge
-
3.24
-
Q
gd
Gate-Drain Charge
-
2.75
-
Note c:Pulse test ; pulse width
300
s, duty cycle2%.
Note d:Guaranteed by design, not subject to production testing.
Dual N-Ch MOSFET



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com