Electronic Components Datasheet Search
  English  ▼

X  

REF3433QDBVRQ1 Datasheet(PDF) 6 Page - Texas Instruments

Click here to check the latest version.
Part # REF3433QDBVRQ1
Description  REF34-Q1 Low-Drift, Low-Power, Small-Footprint Series Voltage References
PDF  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

REF3433QDBVRQ1 Datasheet(HTML) 6 Page - Texas Instruments

Back Button REF3433QDBVRQ1 Datasheet HTML 2Page - Texas Instruments REF3433QDBVRQ1 Datasheet HTML 3Page - Texas Instruments REF3433QDBVRQ1 Datasheet HTML 4Page - Texas Instruments REF3433QDBVRQ1 Datasheet HTML 5Page - Texas Instruments REF3433QDBVRQ1 Datasheet HTML 6Page - Texas Instruments REF3433QDBVRQ1 Datasheet HTML 7Page - Texas Instruments REF3433QDBVRQ1 Datasheet HTML 8Page - Texas Instruments REF3433QDBVRQ1 Datasheet HTML 9Page - Texas Instruments REF3433QDBVRQ1 Datasheet HTML 10Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 34 page
background image
At TA = 25°C unless otherwise noted.
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
TURNON
tON
Turn on time
0.1% of output voltage settling, CL = 10 µF
2.5
ms
CAPACITIVE LOAD
CL
Stable output
capacitor value
−40°C ≤ TA ≤ 125°C
0.1
10
µF
OUTPUT VOLTAGE
VREF
Output voltage
REF3425Q1
2.5
V
REF3430Q1
3
V
REF3433Q1
3.3
V
REF3440Q1
4.096
V
REF3450Q1
5.0
V
POWER SUPPLY
VIN
Input voltage
VREF +
VDO
12
V
IL
Output current
capacity
VIN = VREF + VDO (6) to 12 V
Sourcing
10
mA
VIN = VREF + VDO (6) to 12 V
Sinking
–10
IQ
Quiescent current
−40°C ≤ TA ≤ 125°C
Active mode
72
95
µA
−40°C ≤ TA ≤ 125°C
Shutdown mode
2.5
3
VDO
Dropout voltage
IL = 0 mA, TA = 25°C
50
mV
IL = 0 mA, −40°C ≤ TA ≤ +125°C
100
IL = 10 mA, −40°C ≤ TA ≤ +125°C
500
VEN
ENABLE pin
voltage
Voltage reference in active mode (EN = 1)
1.6
V
Voltage reference in shutdown mode (EN = 0)
0.5
IEN
ENABLE pin
leakage current
VEN = VIN=12 V, −40°C ≤ TA ≤ 125°C
1
2
µA
(1)
Temperature drift is specified according to the box method. See Section 9.3 for more details.
(2)
The peak-to-peak noise measurement procedure is explained in more detail in Section 8.5.
(3)
Long-term stability measurement procedure is explained in more in detail in Section 8.2.
(4)
The thermal hysteresis measurement procedure is explained in more detail in Section 8.3.
(5)
The dropout voltage in line regulation test condition is 50 mV.
(6)
The dropout voltage in test condition is 500 mV.
REF34-Q1
SBAS901B – JULY 2018 – REVISED SEPTEMBER 2020
www.ti.com
6
Submit Document Feedback
Copyright © 2020 Texas Instruments Incorporated
Product Folder Links: REF34-Q1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com