Electronic Components Datasheet Search
  English  ▼

X  

SN74HCS595DR Datasheet(PDF) 3 Page - Texas Instruments

Click here to check the latest version.
Part # SN74HCS595DR
Description  SN74HCS595 8-Bit Shift Register With Schmitt-Trigger Inputs and 3-State Output Registers
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

SN74HCS595DR Datasheet(HTML) 3 Page - Texas Instruments

  SN74HCS595DR Datasheet HTML 1Page - Texas Instruments SN74HCS595DR Datasheet HTML 2Page - Texas Instruments SN74HCS595DR Datasheet HTML 3Page - Texas Instruments SN74HCS595DR Datasheet HTML 4Page - Texas Instruments SN74HCS595DR Datasheet HTML 5Page - Texas Instruments SN74HCS595DR Datasheet HTML 6Page - Texas Instruments SN74HCS595DR Datasheet HTML 7Page - Texas Instruments SN74HCS595DR Datasheet HTML 8Page - Texas Instruments SN74HCS595DR Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 26 page
background image
5 Pin Configuration and Functions
1
2
3
7
4
5
6
14
13
12
8
11
10
9
GND
SER
RCLK
SRCLK
V
CC
15
16
Q
B
Q
C
Q
D
Q
E
Q
F
Q
G
Q
H
Q
A
OE
SRCLR
Q
H¶
D or PW Package 16-Pin SOIC or TSSOP Top View
QC
QD
QE
QF
QG
QH
GND
QA
SER
OE
RCLK
SRCLK
QH`
SRCLR
PAD
QB
VCC
2
3
4
5
6
7
8
15
14
13
12
11
10
9
1
16
BQ Package 16-Pin WQFN Transparent Top View
Pin Functions
PIN
TYPE
DESCRIPTION
NAME
NO.
QB
1
Output
QB output
QC
2
Output
QC output
QD
3
Output
QD output
QE
4
Output
QE output
QF
5
Output
QF output
QG
6
Output
QG output
QH
7
Output
QH output
GND
8
—
Ground
QH'
9
Output
Serial output, can be used for cascading
SRCLR
10
Input
Shift register clear, active low
SRCLK
11
Input
Shift register clock, rising edge triggered
RCLK
12
Input
Output register clock, rising edge triggered
OE
13
Input
Output Enable, active low
SER
14
Input
Serial input
QA
15
Output
QA output
VCC
16
—
Positive supply
Thermal Pad (1)
—
The thermal pad can be connect to GND or left floating. Do not connect to any other signal
or supply.
1. BQ package only.
www.ti.com
SN74HCS595
SCLS803 – AUGUST 2020
Copyright © 2020 Texas Instruments Incorporated
Submit Document Feedback
3
Product Folder Links: SN74HCS595



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com