Electronic Components Datasheet Search
  English  ▼

X  

REF3440QDBVRQ1 Datasheet(PDF) 3 Page - Texas Instruments

Click here to check the latest version.
Part # REF3440QDBVRQ1
Description  REF34-Q1 Low-Drift, Low-Power, Small-Footprint Series Voltage References
PDF  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

REF3440QDBVRQ1 Datasheet(HTML) 3 Page - Texas Instruments

  REF3440QDBVRQ1 Datasheet HTML 1Page - Texas Instruments REF3440QDBVRQ1 Datasheet HTML 2Page - Texas Instruments REF3440QDBVRQ1 Datasheet HTML 3Page - Texas Instruments REF3440QDBVRQ1 Datasheet HTML 4Page - Texas Instruments REF3440QDBVRQ1 Datasheet HTML 5Page - Texas Instruments REF3440QDBVRQ1 Datasheet HTML 6Page - Texas Instruments REF3440QDBVRQ1 Datasheet HTML 7Page - Texas Instruments REF3440QDBVRQ1 Datasheet HTML 8Page - Texas Instruments REF3440QDBVRQ1 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 34 page
background image
5 Device Comparison Table
PRODUCT(1)
VOUT
REF3425-Q1
REF3425S-Q1
2.5 V
REF3430-Q1
REF3430S-Q1
3.0 V
REF3433-Q1
REF3433S-Q1
3.3 V
REF3440-Q1
REF3440S-Q1
4.096 V
REF3450-Q1
REF3450S-Q1
5.0 V
(1)
For full orderable part number please refer to Section 14.
6 Pin Configuration and Functions
1
6
2
5
3
4
Not to scale
GND_F
GND_S
EN
OUT_F
IN
OUT_S
Figure 6-1. DBV Package 6-Pin SOT-23 (Top View)
1
5
2
3
4
Not to scale
NC
GND
IN
NIC
OUT
Figure 6-2. DBV Package 5-Pin SOT-23 (Top View)
Pin Functions
PIN
TYPE
DESCRIPTION
NAME
REF34xx-Q1
REF34xxS-Q1
GND_F
1
-
Ground
Ground force connection
GND_S
2
-
Ground
Ground sense connection
GND
-
2
Ground
Ground connection
ENABLE
3
-
Input
Enable connection. Enables or disables the device.
IN
4
3
Power
Input supply voltage connection
OUT_S
5
-
Output
Reference voltage output sense connection
OUT_F
6
-
Output
Reference voltage output force connection
OUT
-
4
Output
Reference voltage output connection
NC
-
1
-
Test pin, connect from 0V to 18V
NIC
-
5
-
No internal connection
www.ti.com
REF34-Q1
SBAS901B – JULY 2018 – REVISED SEPTEMBER 2020
Copyright © 2020 Texas Instruments Incorporated
Submit Document Feedback
3
Product Folder Links: REF34-Q1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com