Electronic Components Datasheet Search
  English  ▼

X  

AM7953X-1DC Datasheet(PDF) 11 Page - Advanced Micro Devices

Part # AM7953X-1DC
Description  Subscriber Line Interface Circuit
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMD [Advanced Micro Devices]
Direct Link  http://www.amd.com
Logo AMD - Advanced Micro Devices

AM7953X-1DC Datasheet(HTML) 11 Page - Advanced Micro Devices

Back Button AM7953X-1DC Datasheet HTML 7Page - Advanced Micro Devices AM7953X-1DC Datasheet HTML 8Page - Advanced Micro Devices AM7953X-1DC Datasheet HTML 9Page - Advanced Micro Devices AM7953X-1DC Datasheet HTML 10Page - Advanced Micro Devices AM7953X-1DC Datasheet HTML 11Page - Advanced Micro Devices AM7953X-1DC Datasheet HTML 12Page - Advanced Micro Devices AM7953X-1DC Datasheet HTML 13Page - Advanced Micro Devices AM7953X-1DC Datasheet HTML 14Page - Advanced Micro Devices AM7953X-1DC Datasheet HTML 15Page - Advanced Micro Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 20 page
background image
SLIC Products
11
SWITCHING WAVEFORMS
Am79534/Am79535
Notes:
1. Unless otherwise noted, test conditions are BAT = –48 V, VCC =+5 V, VEE = –5V, RL = 600 Ω, CHP =0.22 µF,
RDC1 =RDC2 = 31.25 kΩ, CDC =0.1 µF, RD =51.1 kΩ, no fuse resistors, two-wire AC output impedance, programming
impedance (ZT) = 600 kΩ resistive, receive input summing impedance (ZRX)=300kΩ resistive. (See Table 2 for component
formulas.)
2. Overload level is defined when THD = 1%.
3. Balance return signal is the signal generated at VTX by VRX. This specification assumes the two-wire AC load impedance
matches the impedance programmed by ZT.
4. Not tested in production. This parameter is guaranteed by characterization or correlation to other tests.
5. These tests are performed with a longitudinal impedance of 90
Ω and metallic impedance of 300 Ω for frequencies below
12 kHz and 135
Ω for frequencies greater than 12 kHz. These tests are extremely sensitive to circuit board layout.
6. This parameter is tested at 1 kHz in production. Performance at other frequencies is guaranteed by characterization.
7. When the SLIC is in the Anti-sat 2 operating region, this parameter is degraded. The exact degradation depends on system
design. The Anti-sat 2 region occurs at high loop resistances when |VBAT| – |VAX – VBX| is less than approximately 11 V.
8. “Midpoint” is defined as the connection point between two 300
Ω series resistors connected between A(TIP) and B(RING).
9. Fundamental and harmonics from 256 kHz switch-regulator chopper are not included.
10. Assumes the following ZT network:
DET
tgkde
DET
tshdd
Note:
All delays measured at 1.4 V level.
E1
E1
E0
E1 to DET
E0 to DET
tshde
tgkde
tshde
tshd0
tgkdd
tgkd0
16854C-02
VTX
RSN
300 k
Ω
300 k
Ω
30 pF



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com