Electronic Components Datasheet Search
  English  ▼

X  

SH50VBW Datasheet(PDF) 1 Page - HY ELECTRONIC CORP.

Part # SH50VBW
Description  Glass Passivated 3 Phase Bridge Rectifiers
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HY [HY ELECTRONIC CORP.]
Direct Link  http://www.hygroup.com.tw
Logo HY - HY ELECTRONIC CORP.

SH50VBW Datasheet(HTML) 1 Page - HY ELECTRONIC CORP.

  SH50VBW Datasheet HTML 1Page - HY ELECTRONIC CORP. SH50VBW Datasheet HTML 2Page - HY ELECTRONIC CORP. SH50VBW Datasheet HTML 3Page - HY ELECTRONIC CORP.  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
Features
SHVBW
●
Low forward voltage drop
●
High current capability
RoHS
●
High reliability
COMPLIANT
●
Meet UL flammability classification 94V-0
Mechanical Data
●
Case: Epoxy case with heat sink
●
Polarity: Symbol marked on body
●
Mounting position:
●
Mounting torque: 2 N.m
Note: Products with logo
or
are made by HY Electronic (Cayman) Limited.
Applications
●
For use in high power supply inverters,servo
motor and welding machine applications
Maximum Ratings and Electrical Characteristics
Rating at 25℃ ambient temperature unless otherwise specified.
Single phase, half wave, 60Hz, resistive or inductive load.
For capacitive load, derate current by 20%.
Maximum Repetitive Peak Reverse Voltage
VRRM
V
Maximum RMS Voltage
VRMS
V
Maximum DC Blocking Voltage
VDC
V
Peak Non-Repetitive Reverse Voltage
VRSM
V
Maximum Average Forward Rectified Current @TC=55 ℃
I(AV)
A
Peak Forward Surge Current, 8.3mS Single Half Sine-Wave,
Superimposed on Rated Load (JEDEC Method)
I
2t Rating for Fusing (t<8.3mS)
I
2 t
A
2 S
Peak Forward Voltage per Diode at 25A DC
VF
V
Maximum DC Reverse Current at Rated @TJ=25℃
μA
DC Blocking Voltage per Diode @TJ=150℃
mA
RMS lsolation Voltage from Case to Lead
VISO
V
Operating Junction Temperature Range
TJ
℃
Storage Temperature Range
TSTG
℃
SH50VB*W-B-00/99-00/01
Rev. 11, 18-May-2020
www.hygroup.com.tw
Glass Passivated 3 Phase Bridge Rectifiers
450
2500
-55 to +150
560
700
840
980
1120
800
1000
1200
1400
1600
-80W
-55 to +125
1700
800
1000
1200
1400
1600
Characteristics
Symbol
IFSM
IR
Unit
A
50
840
1.1
5
3
900
1100
1300
1500
-100W
-120W
-140W
-160W
SH50VB
SH50VB
SH50VB
SH50VB
SH50VB
SH50VBW SERIES
Reverse Voltage - 800 to 1600Volts
Forward Current - 50 Amperes
Package Outline Dimensions in Inches (Millimeters)
Pb
1.406(35.7)
1.350(34.3)
1.406(35.7)
1.350(34.3)
0.933(23.7)
0.878(22.3)
0.449(11.4)
0.417(10.6)
0.213(5.4)
0.181(4.6)
0.933(23.7)
0.878(22.3)
0.547(13.9)
0.516(13.1)
0.547(13.9)
0.516(13.1)
0.075(1.9)
0.043(1.1)
0.053(1.4)
0.024(0.6)
0.291(7.4)
0.260(6.6)
0.370(9.4)
0.339(8.6)
0.291(7.4)
0.260(6.6)
0.370(9.4)
0.339(8.6)


Similar Part No. - SH50VBW

ManufacturerPart #DatasheetDescription
logo
TALEMA Group. LLC
SH50V-0.85-680 TALEMA-SH50V-0.85-680 Datasheet
107Kb / 2P
Inductors for National 50kHz Simple SwitcherTM
SH50V-0.9-267 TALEMA-SH50V-0.9-267 Datasheet
107Kb / 2P
Inductors for National 50kHz Simple SwitcherTM
SH50V-0.9-330 TALEMA-SH50V-0.9-330 Datasheet
107Kb / 2P
Inductors for National 50kHz Simple SwitcherTM
SH50V-1.4-176 TALEMA-SH50V-1.4-176 Datasheet
107Kb / 2P
Inductors for National 50kHz Simple SwitcherTM
SH50V-1.4-220 TALEMA-SH50V-1.4-220 Datasheet
107Kb / 2P
Inductors for National 50kHz Simple SwitcherTM
More results

Similar Description - SH50VBW

ManufacturerPart #DatasheetDescription
logo
HY ELECTRONIC CORP.
KBP3005G HY-KBP3005G Datasheet
143Kb / 3P
GLASS PASSIVATED 3 PHASE BRIDGE RECTIFIERS
SBR3500GW HY-SBR3500GW Datasheet
155Kb / 3P
GLASS PASSIVATED 3 PHASE BRIDGE RECTIFIERS
SBR3508G HY-SBR3508G Datasheet
152Kb / 3P
GLASS PASSIVATED 3 PHASE BRIDGE RECTIFIERS
SH50VB80 HY-SH50VB80 Datasheet
133Kb / 2P
GLASS PASSIVATED 3 PHASE BRIDGE RECTIFIERS
SMT2508GW HY-SMT2508GW Datasheet
187Kb / 3P
GLASS PASSIVATED 3 PHASE BRIDGE RECTIFIERS
SBR5000G HY-SBR5000G Datasheet
179Kb / 3P
GLASS PASSIVATED 3 PHASE BRIDGE RECTIFIERS
logo
Comchip Technology
SC35VB160-G COMCHIP-SC35VB160-G Datasheet
187Kb / 2P
Glass Passivated 3 Phase Bridge Rectifiers
logo
HY ELECTRONIC CORP.
SBR35GW HY-SBR35GW Datasheet
363Kb / 3P
Glass Passivated 3 Phase Bridge Rectifiers
SC50VB80 HY-SC50VB80_V01 Datasheet
361Kb / 3P
Glass Passivated 3 Phase Bridge Rectifiers
SMT50GW HY-SMT50GW Datasheet
376Kb / 3P
Glass Passivated 3 Phase Bridge Rectifiers
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com