Electronic Components Datasheet Search
  English  ▼

X  

SPC2040C Datasheet(PDF) 1 Page - HY ELECTRONIC CORP.

Part # SPC2040C
Description  Photovoltaic Solar Cell Protection Schottky Diode
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HY [HY ELECTRONIC CORP.]
Direct Link  http://www.hygroup.com.tw
Logo HY - HY ELECTRONIC CORP.

SPC2040C Datasheet(HTML) 1 Page - HY ELECTRONIC CORP.

  SPC2040C Datasheet HTML 1Page - HY ELECTRONIC CORP. SPC2040C Datasheet HTML 2Page - HY ELECTRONIC CORP. SPC2040C Datasheet HTML 3Page - HY ELECTRONIC CORP.  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
www.hygroup.com.tw
Features
D2PAK
●
Low power loss, high efficiency
●
High current capability, low VF
RoHS
●
High surge capacity
COMPLIANT
●
Meets UL flammability classification 94V-0
Mechanical Data
●
Case: D2PAK molded plastic
●
Polarity:As marked on body
●
Mounting position: Any
Note: Products with logo
or
are made by HY Electronic (Cayman) Limited.
Applications
●
For use in solar cell junction box as a bypass diode
Maximum Ratings and Electrical Characteristics
Rating at 25℃ ambient temperature unless otherwise specified.
Single phase, half wave, 60Hz, resistive or inductive load.
For capacitive load, derate current by 20%.
Characteristics
Symbol
Unit
Maximum Repetitive Peak Reverse Voltage
VRRM
V
Maximum RMS Voltage
VRMS
V
Maximum DC Blocking Voltage
VDC
V
Maximum Average Forward Rectified Current @Tc=95 ℃
I(AV)
A
Peak Forward Surge Current, 8.3mS Single Half Sine-Wave,
Superimposed on Rated Load (JEDEC Method)
Peak Forward Voltage at 20A DC ( Note1 )
VF
V
Maximum DC Reverse Current @TJ=25℃
at Rated DC Bolcking Voltage @TJ=125℃
Typical Thermal Resistance Junction to Case
RθJC
℃/W
Junction Temperature Range
TJ
℃
Storage Temperature Range
TSTG
℃
Notes: 1. 300uS pulse width, 2%duty cycle.
2. The typical data above is for reference only.
SPC20*C-13/U-00-00
Rev. 11, 18-May-2020
-55 to+200
IFSM
IR
mA
150
50
0.55
A
40
45
0.5
1.5
-55 to+200
20
Package Outline Dimensions in Inches (Millimeters)
SPC2040C
SPC2045C
28
31.5
40
45
SPC2040C THRU SPC2045C
Reverse Voltage - 40 to 45 Volts
Forward Current - 20.0 Amperes
Photovoltaic Solar Cell Protection
Schottky Diode
Pb


Similar Part No. - SPC2040C

ManufacturerPart #DatasheetDescription
logo
Dc Components
SPC2040C DCCOM-SPC2040C Datasheet
72Kb / 2P
RECTIFIER SPECIALISTS
More results

Similar Description - SPC2040C

ManufacturerPart #DatasheetDescription
logo
HY ELECTRONIC CORP.
20TQ045 HY-20TQ045 Datasheet
395Kb / 3P
Photovoltaic Solar Cell Protection Schottky Diode
15SQ045 HY-15SQ045_V01 Datasheet
356Kb / 3P
Photovoltaic Solar Cell Protection Schottky Diode
25PV050 HY-25PV050_V01 Datasheet
307Kb / 3P
Photovoltaic Solar Cell Protection Schottky Diode
SQ1080 HY-SQ1080_V01 Datasheet
262Kb / 3P
Photovoltaic Solar Cell Protection Schottky Diode
SQ1280 HY-SQ1280_V01 Datasheet
262Kb / 3P
Photovoltaic Solar Cell Protection Schottky Diode
SQ1540 HY-SQ1540_V01 Datasheet
263Kb / 3P
Photovoltaic Solar Cell Protection Schottky Diode
SD2040 HY-SD2040_V01 Datasheet
312Kb / 3P
Photovoltaic Solar Cell Protection Schottky Diode
SD2040A HY-SD2040A_V01 Datasheet
311Kb / 3P
Photovoltaic Solar Cell Protection Schottky Diode
SDA2040 HY-SDA2040 Datasheet
312Kb / 3P
Photovoltaic Solar Cell Protection Schottky Diode
SPA2045 HY-SPA2045 Datasheet
368Kb / 3P
Photovoltaic Solar Cell Protection Schottky Diode
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com