Electronic Components Datasheet Search
  English  ▼

X  

WSF50N10 Datasheet(PDF) 2 Page - Shenzhen Guan Hua Wei Ye Co., Ltd

Part # WSF50N10
Description  N-Ch MOSFET
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WIINSOK [Shenzhen Guan Hua Wei Ye Co., Ltd]
Direct Link  http://www.winsok.tw/index.html
Logo WIINSOK - Shenzhen Guan Hua Wei Ye Co., Ltd

WSF50N10 Datasheet(HTML) 2 Page - Shenzhen Guan Hua Wei Ye Co., Ltd

  WSF50N10 Datasheet HTML 1Page - Shenzhen Guan Hua Wei Ye Co., Ltd WSF50N10 Datasheet HTML 2Page - Shenzhen Guan Hua Wei Ye Co., Ltd WSF50N10 Datasheet HTML 3Page - Shenzhen Guan Hua Wei Ye Co., Ltd WSF50N10 Datasheet HTML 4Page - Shenzhen Guan Hua Wei Ye Co., Ltd WSF50N10 Datasheet HTML 5Page - Shenzhen Guan Hua Wei Ye Co., Ltd WSF50N10 Datasheet HTML 6Page - Shenzhen Guan Hua Wei Ye Co., Ltd  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
Symbol
Parameter
Conditions
Min.
Typ.
Max.
Unit
BVDSS
Drain-Source Breakdown Voltage
VGS=0V , ID=250uA
100
---
---
V
△
BVDSS/△TJ BVDSS Temperature Coefficient
Reference to 25℃ , ID=1mA
---
0.098
---
V/℃
RDS(ON)
Static Drain-Source On-Resistance
2
VGS=10V , ID=20A
---
m
Ω
VGS=4.5V , ID=15A
---
VGS(th)
Gate Threshold Voltage
VGS=VDS , ID =250uA
1.0
2.0
3.0
V
△
VGS(th)
VGS(th) Temperature Coefficient
---
-5.52
---
mV/℃
IDSS
Drain-Source Leakage Current
VDS=80V , VGS=0V , TJ=25℃
---
---
10
uA
VDS=80V , VGS=0V , TJ=55℃
---
---
100
IGSS
Gate-Source Leakage Current
VGS=±20V , VDS=0V
---
---
±
100
nA
gfs
Forward Transconductance
VDS=5V , ID=20A
---
2
5.7
---
S
Rg
Gate Resistance
VDS=0V , VGS=0V , f=1MHz
---
1.
0
1.2
Ω
Qg
Total Gate Charge (10V)
VDS=
30V , VGS=10V , ID=20A
---
50
65
nC
Qgs
Gate-Source Charge
---
8
14
Qgd
Gate-Drain Charge
---
10
18
Td(on)
Turn-On Delay Time
VDD=
30V , VGS=10V,ID=20A
---
33
ns
Tr
Rise Time
---
9
17
Td(off)
Turn-Off Delay Time
---
56
101
Tf
Fall Time
---
14
26
Ciss
Input Capacitance
VDS=
30V , VGS=0V , f=1MHz
---
2450
pF
Coss
Output Capacitance
---
150
Crss
Reverse Transfer Capacitance
---
85
Symbol
Parameter
Conditions
Min.
Typ.
Max.
Unit
EAS
Single Pulse Avalanche Energy
5
VDD=25V , L=0.1mH , IAS=1
8A
80
---
---
mJ
Symbol
Parameter
Conditions
Min.
Typ.
Max.
Unit
IS
Continuous Source Current
1,6
VG=VD=0V , Force Current
---
---
20
A
ISM
Pulsed Source Current
2,6
---
---
45
A
VSD
Diode Forward Voltage
2
VGS=0V , IS=
20A , TJ=25℃
---
---
1.
3
V
trr
Reverse Recovery Time
IF=20A , dI/dt=100A/µs , TJ=25℃
---
40
---
nS
Qrr
Reverse Recovery Charge
---
83
---
nC
Electrical Characteristics (TJ=25 ℃, unless otherwise noted)
Diode Characteristics
Note :
1.The data tested by surface mounted on a 1 inch
2 FR-4 board with 2OZ copper,t<10sec.
2.The data tested by pulsed , pulse width
≦ 300us , duty cycle ≦ 2%
3.The EAS data shows Max. rating . The test condition is VDD=25V,VGS=10V,L=0.1mH,IAS=
18A
4.The power dissipation is limited by 150℃ junction temperature
5.The Min. value is 100% EAS tested guarantee.
6.The data is theoretically the same as ID and IDM , in real applications , should be limited by total power dissipation.
Guaranteed Avalanche Characteristics
N-Ch MOSFET
WSF50N10
Page 2
www.winsok.tw
Dec.2014
22
28
24
32
18
---
---
---



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com