Electronic Components Datasheet Search
  English  ▼

X  

290F Datasheet(PDF) 3 Page - Morse Mfg. Co., Inc.

Part # 290F
Description  Power Grip Fork Mount Drum Handler
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MORSE [Morse Mfg. Co., Inc.]
Direct Link  https://morsedrum.com/
Logo MORSE - Morse Mfg. Co., Inc.

290F Datasheet(HTML) 3 Page - Morse Mfg. Co., Inc.

  290F Datasheet HTML 1Page - Morse Mfg. Co., Inc. 290F Datasheet HTML 2Page - Morse Mfg. Co., Inc. 290F Datasheet HTML 3Page - Morse Mfg. Co., Inc. 290F Datasheet HTML 4Page - Morse Mfg. Co., Inc. 290F Datasheet HTML 5Page - Morse Mfg. Co., Inc. 290F Datasheet HTML 6Page - Morse Mfg. Co., Inc.  
Zoom Inzoom in Zoom Outzoom out
 3 / 6 page
background image
The Specialist In Drum Handling Equipment
Operator’s Manual for Morse Power Grip Fork Mount Drum Handler Model 290F
Serial Number 291995 to ______
morsedrum.com
Copyright 2020 - Morse Mfg. Co., Inc.
Form PL290F (291995-______)
(Updated 27 Apr, 2020)
3
Model 290F
Power Grip Fork Mount Drum Handler
Machine Description
The Model 290F
GRIP+GOTM Power-Grip Fork Mount Drum
Handler is designed to lift, transport, and dispense a steel, plastic
orfiberdrum14”to24”(35.6to61cm)indiameter.
The maximum capacity is 1500 Lb. (680 kg).
Options
Option # 6149i-P
Wireless Control provides safe, simple and reliable wireless
machine grip and tilt control with up to 300 foot (91 m) operating
range. It features 900MHz frequency hopping technology for
eliminating interference from other RF sources. Easily switch
between direct wire pendant control and wireless remote control.
Quick DC power disconnect for locking out the equipment.
Option 6172-P
GripPadsrequiredtohandleaplasticorfiberdrum.
Operating Instructions
Replace the
RED shipping plug from the hydraulic reservoir with
the supplied
BLACK breather BEFORE operation.
Before sliding forklift forks into the fork tubes, adjust forks to
1.
aninsidespreadof24.5”(62.2cm)minimum.Lockforksinto
position on the forklift carriage.
Drive the forklift forward to slip the forks into the fork tubes.
2.
Loop the carabiner and chain through the mast and securely
attach to mast, ensuring no slack in the chain. Transport to
drum to be handled.
With the
3.
GRIP+GOTM grippers in the full open position,
drivetheforkliftwiththeforkliftattachmentnearfloorlevel
to position the
GRIP+GOTM around the middle of the drum
between the ribs.



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com