Electronic Components Datasheet Search
  English  ▼

X  

58941 Datasheet(PDF) 1 Page - OSRAM GmbH

Part # 58941
Description  Product Information Bulletin Medical Overhead Halogen Lamps Tungsten Halogen Low to Medium Voltage Lamps
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OSRAM [OSRAM GmbH]
Direct Link  http://www.osram.com
Logo OSRAM - OSRAM GmbH

58941 Datasheet(HTML) 1 Page - OSRAM GmbH

  58941 Datasheet HTML 1Page - OSRAM GmbH 58941 Datasheet HTML 2Page - OSRAM GmbH  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
FO100 R4
Lamp / order
reference
NAED Rated
wattage
(W)
Rated
voltage
(V)
Luminous
flux
(lm)
LCL
a
(mm)
MOL
l
(mm)
Diameter
d
(mm)
Base
Bulb
Average
service life
(hrs)
Operating
position
Fig.
Num.
120/T4/SPECIAL 24V 54466
120
24
2,750
33.7
50
22.2
Special
T4
500
s90
4
235T4Q/2PPF
58941
235
33
5,800
39.1
66
12.7
GZ9.5
T4
200
Any
2
220T4Q/2PPF
58939
220
22
6,200
39.1
66
12.7
GZ9.5
T4
200
Any
2
60T4QCL
58729
60
24
1,280
37.1 63.8
14.4
BA15D
T4
500
Any
3
64642/HLX (FDV)
54054
150
24
5,000
32
50
13.5
G6.35 Bipin
T4
300
s90
1
64650
54056
50
22.8
1,000
30
44
13
G6.35 Bipin
T4
1,300
Any
1
64657/HLX (EVC)
54047
250
24
9,000
33
55
13.5
G6.35 Bipin
T4
300
s90
1
64654 HLX
54136
250
24
9,000
35
88
13.5
GY9.5 Bipin
T6
300
s90
1
64638 HLX
53998
100
24
2,900
30
50
13
GY6.35 Bipin
T3
300
Any
1
Product Information Bulletin
Medical Overhead Halogen Lamps
Tungsten Halogen Low to Medium Voltage Lamps
Medical Overhead Halogen Lamps
(NAED 54466, 58941, 58939,
58729, 54054, 54056, 54047,
54136, 53998)
Tungsten Halogen Low to Medium
Voltage Lamps
•
HLX XENOPHOTversions
•
SE/Rim Mount Types
•
Long life version
Application Information
Applications:
Medical Overhead
-
Hospital
-
Doctor
-
Dentist
-
Examining/clinic
Fixtures:
-
Getinge/Castle
-
Amsco/Steris
-
Berchtold
-
Burton
-
Midmark
-
Hill Rom
-
Skytron
-
ALM
Technical Data
d
Fig.1
Fig.2
Fig.3
Fig.4
d
a
l
a
l


Similar Part No. - 58941

ManufacturerPart #DatasheetDescription
logo
Festo Corporation.
589481 FESTO-589481 Datasheet
98Kb / 2P
Soft start/quick exhaust valve
589482 FESTO-589482 Datasheet
79Kb / 2P
Pressure regulator
logo
Chicago Miniature Lamp,...
5894S CML-5894S Datasheet
66Kb / 1P
Panel Mounted LED Indicator Light
logo
Visual Communications C...
5894S VCC-5894S Datasheet
87Kb / 1P
Panel Mounted LED Indicator Light
logo
Chicago Miniature Lamp,...
5894S1 CML-5894S1 Datasheet
66Kb / 1P
Panel Mounted LED Indicator Light
More results

Similar Description - 58941

ManufacturerPart #DatasheetDescription
logo
Gilway Technical Lamp
54232 GILWAY-54232 Datasheet
36Kb / 2P
75 watt, tungsten halogen, low to medium voltage with reflector.
58786 GILWAY-58786 Datasheet
37Kb / 2P
50 watt, tungsten halogen, low to medium voltage with reflector
logo
OSRAM GmbH
FO106 OSRAM-FO106 Datasheet
122Kb / 2P
Low Voltage Tungsten Halogen Lamps with Reflector
FO112 OSRAM-FO112 Datasheet
33Kb / 2P
Product Information Bulletin CAX Mains-Voltage Halogen Lamp
FO115 OSRAM-FO115 Datasheet
20Kb / 2P
Product Information Bulletin 64635 HLX Tungsten-Halogen Lamp
FO121 OSRAM-FO121 Datasheet
40Kb / 2P
Product Information Bulletin FLT Low Voltage Tungsten Halogen MR11 Rim Mount Lamp
FO125 OSRAM-FO125 Datasheet
40Kb / 2P
Product Information Bulletin Microscope LV Lamps Low Voltage Tungsten Halogen Lamps (Microscope)
FO153 OSRAM-FO153 Datasheet
120Kb / 2P
Low Voltage Tungsten Halogen Lamps with Reflector
FO171 OSRAM-FO171 Datasheet
105Kb / 2P
Low Voltage Tungsten Halogen Lamps with Reflector
logo
Gilway Technical Lamp
MR11 GILWAY-MR11 Datasheet
158Kb / 4P
Product Information Bulletin TRU-AIM MR11 & MR16 FAMILY Low Voltage Halogen Lamps
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com