Electronic Components Datasheet Search
  English  ▼

X  

2CL4512 Datasheet(PDF) 1 Page - GETAI ELECTRONICS DEVICE CO., LTD

Part # 2CL4512
Description  High Voltage Silicon Diodes for Micro-wave oven
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  GETEDZ [GETAI ELECTRONICS DEVICE CO., LTD]
Direct Link  http://www.hvgtsemi.com
Logo GETEDZ - GETAI ELECTRONICS DEVICE CO., LTD

2CL4512 Datasheet(HTML) 1 Page - GETAI ELECTRONICS DEVICE CO., LTD

  2CL4512 Datasheet HTML 1Page - GETAI ELECTRONICS DEVICE CO., LTD 2CL4512 Datasheet HTML 2Page - GETAI ELECTRONICS DEVICE CO., LTD  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
2CL4512
450mA 12kV
High Voltage Silicon Diodes for Micro-wave oven
-------------------------------------------------------------------------------------------------------------------------
GETE ELECTRONIC CO.,LTD
Http://www.getedz.com
Http://www.hvgtsemi.com E-mai: sales@getedz.com
GETAI ELECTRONIC DEVICE CO.,LTD TEL:0086-20-8184 9628
FAX:0086-20-8184 9638
2020-08 1 / 2
INTRODUCE:
HVGT high voltage silicon rectifier diodes is made
of high quality silicon wafer chip and high
reliability epoxy resin sealing structure, and
through professional testing equipment inspection
qualified after to customers.
FEATURES:
1. High overload surge capability.
2. High Current,Low Forward Voltage.
3. Avalanche Characteristic.
4. Conform to RoHS and SGS.
5. Epoxy resin molded in vacuumHave
anticorrosion in the surface.
APPLICATIONS:
1. High voltage power supply rectifier.
2. High voltage rectifier circuit for microwave
oven.
3. Other.
MECHANICAL DATA:
1. Case: epoxy resin molding.
2. Terminal: welding axis.
3. Net weight: 2.50 grams (approx).
SHAPE DISPLAY:
Part Marking:
Code:
T4512
HVGT
Cathode Mark:
SIZE: (Unit:mm)
HVGT NAME: DO-722
MAXIMUM RATINGS AND CHARACTERISTICS: Ta=25°C (Absolute Maximum Ratings)
Items
Symbols
Condition
Data Value
Units
Repetitive Peak Renerse Voltage
VRRM
12
kV
Average Forward Current Maximum
IFAVM
60HZ Half-Sine Wave, Resistance Load,
Ta=60°C
450
mA
Non-Repetitive Forward Surge Current
IFSM
60Hz Half-Sine Wave; 8.3mS; 1Cycle
30
A
Reverse surge current
IRSM
WP=1ms, Rectangular-Wave, One-shot,
100
mA
Junction Temperature
TJ
130
°C
Allowable Operation Case Temperature
Tc
-40~+130
°C
Storage Temperature
TSTG
-40~+130
°C
ELECTRICAL CHARACTERISTICS: Ta=25°C (Unless Otherwise Specified)
Items
Symbols
Condition
Data value
Units
Maximum Forward Voltage Drop
VFM
at 25°C; at IFAVM
10
V
Maximum Reverse Current
IR1
at 25°C; at VRRM
5.0
uA
IR2
at 100°C; at VRRM
50
uA
Maximum Reverse Recovery Time
TRR
at 25°C; IF=0.5IR; IR=IFAVM; IRR=0.25IR
--
nS
Reverse Breakdown Voltage
VZ
at 25°C; IR=100uA
12.5
kV


Similar Part No. - 2CL4512

ManufacturerPart #DatasheetDescription
logo
SiPower Inc.
2CL4512 SIPOWER-2CL4512 Datasheet
32Kb / 2P
High Voltage Diodes for Micro-Wave Oven
logo
Shanghai Shunye Electro...
2CL4512 SHUNYE-2CL4512 Datasheet
591Kb / 2P
High Voltage Silicon Diodes for Micro-wave oven
V2.22
logo
SiPower Inc.
2CL4512H SIPOWER-2CL4512H Datasheet
68Kb / 2P
High Voltage Diodes
logo
DONGGUAN YOU FENG WEI E...
2CL4512H YFWDIODE-2CL4512H Datasheet
401Kb / 2P
High voltage silicon diodes for micro-wave oven
More results

Similar Description - 2CL4512

ManufacturerPart #DatasheetDescription
logo
GETAI ELECTRONICS DEVIC...
2CL3509H GETEDZ-2CL3509H Datasheet
507Kb / 2P
High Voltage Silicon Diodes for Micro-wave oven
2CL3512 GETEDZ-2CL3512 Datasheet
507Kb / 2P
High Voltage Silicon Diodes for Micro-wave oven
2CL3516H GETEDZ-2CL3516H Datasheet
507Kb / 2P
High Voltage Silicon Diodes for Micro-wave oven
2CL4509 GETEDZ-2CL4509 Datasheet
507Kb / 2P
High Voltage Silicon Diodes for Micro-wave oven
2CL4516 GETEDZ-2CL4516 Datasheet
507Kb / 2P
High Voltage Silicon Diodes for Micro-wave oven
logo
DONGGUAN YOU FENG WEI E...
2CL3509 YFWDIODE-2CL3509 Datasheet
402Kb / 2P
High voltage silicon diodes for micro-wave oven
2CL3510 YFWDIODE-2CL3510 Datasheet
377Kb / 2P
High voltage silicon diodes for micro-wave oven
2CL4509 YFWDIODE-2CL4509 Datasheet
401Kb / 2P
High voltage silicon diodes for micro-wave oven
MTH-08 YFWDIODE-MTH-08 Datasheet
402Kb / 2P
High voltage silicon diodes for micro-wave oven
MTH-20 YFWDIODE-MTH-20 Datasheet
402Kb / 2P
High voltage silicon diodes for micro-wave oven
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com