Electronic Components Datasheet Search
  English  ▼

X  

SF52G Datasheet(PDF) 1 Page - DONGGUAN YOU FENG WEI ELECTRONICS CO., LTD

Part # SF52G
Description  Super Fast Silicon Rectifiers
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  YFWDIODE [DONGGUAN YOU FENG WEI ELECTRONICS CO., LTD]
Direct Link  http://www.yfwdiode.com/
Logo YFWDIODE - DONGGUAN YOU FENG WEI ELECTRONICS CO., LTD

SF52G Datasheet(HTML) 1 Page - DONGGUAN YOU FENG WEI ELECTRONICS CO., LTD

  SF52G Datasheet HTML 1Page - DONGGUAN YOU FENG WEI ELECTRONICS CO., LTD SF52G Datasheet HTML 2Page - DONGGUAN YOU FENG WEI ELECTRONICS CO., LTD SF52G Datasheet HTML 3Page - DONGGUAN YOU FENG WEI ELECTRONICS CO., LTD  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
SF52G THRU SF58G DO-27
1 / 3
www.yfwdiode.com
Dongguan YFW Electronics Co, Ltd.
Super Fast Silicon Rectifiers
Reverse Voltage - 100 to 600 V
Forward Current - 5 A
FEATURES
For surface mounted applications
Low profile package
Glass Passivated Chip Junction
Ideal for automated placement
Lead free in comply with EU RoHS 2011/65/EU directives
MECHANICAL DATA
Case: DO-201AD/DO-27
Terminals: Solderable per MIL-STD-750, Method 2026
Approx. Weight:
DO-201AD/DO-27
Maximum Ratings and Electrical characteristics
Ratings at 25 °C ambient temperature unless otherwise specified.
Single phase half-wave 60 Hz, resistive or inductive load, for capacitive load current derate by 20 %.
(1)Measured at 1 MHz and applied reverse voltage of 4 V D.C
(2)Reverse recovery time test condition: IF=0.5A IR=1.0A Irr=0.25A
Parameter
Symbols
SF52G
SF53G
SF54G
SF56G
SF57G
SF58G
Units
Maximum Repetitive Peak Reverse Voltage
VRRM
100
150
200
400
500
600
V
Maximum RMS voltage
VRMS
70
105
140
280
350
420
V
Maximum DC Blocking Voltage
VDC
100
150
200
400
500
600
V
Maximum Average Forward Rectified Current
at Tc = 100 °C
IF(AV)
5.0
A
Peak Forward Surge Current 8.3 ms Single
Half Sine Wave Superimposed on Rated Load
IFSM
150.0
A
Maximum Instantaneous Forward Voltage at 5.0A
VF
0.95
1.25
1.7
V
Maximum DC Reverse Current Ta = 25 °C
at Rated DC Blocking Voltage
Ta=125 °C
IR
10
500
μA
Maxinum reverse recovery time
(Note 1)
Trr
35
nS
Typical Junction Capacitance
(
Note 2)
Cj
78.0
pF
Typical Thermal Resistance
RθJA
45.0
°C/W
Operating and Storage Temperature Range
Tj, Tstg
-55 ~ +150
°C
98
0.
g / 0.0345oz


Similar Part No. - SF52G

ManufacturerPart #DatasheetDescription
logo
Micro Commercial Compon...
SF52G MCC-SF52G Datasheet
120Kb / 1P
5 Amp High Efficiency Glass Passivated Rectifier 50 to 600 Volts
logo
MIC GROUP RECTIFIERS
SF52G MIC-SF52G Datasheet
54Kb / 2P
SUPER FAST GLASS PASSIVATED RECTIFIER
logo
Chongqing Pingwei Enter...
SF52G CHONGQING-SF52G Datasheet
39Kb / 1P
SUPER FAST RECOVERY RECTIFIER
logo
SeCoS Halbleitertechnol...
SF52G SECOS-SF52G Datasheet
161Kb / 2P
5 A, Glass Passivated Super Fast Rectifiers
logo
Micro Commercial Compon...
SF52G MCC-SF52G Datasheet
377Kb / 2P
5 Amp High Efficiency Glass Passivated Rectifier 50 to 600 Volts
More results

Similar Description - SF52G

ManufacturerPart #DatasheetDescription
logo
Diotec Semiconductor
FE3A DIOTEC-FE3A Datasheet
153Kb / 2P
Super Fast Silicon Rectifiers
FE6A DIOTEC-FE6A Datasheet
151Kb / 2P
Super Fast Silicon Rectifiers
FE3H DIOTEC-FE3H Datasheet
35Kb / 2P
Super Fast Silicon Rectifiers
logo
DONGGUAN YOU FENG WEI E...
SF32 YFWDIODE-SF32_V01 Datasheet
564Kb / 3P
Super Fast Silicon Rectifiers
SF52 YFWDIODE-SF52_V01 Datasheet
566Kb / 3P
Super Fast Silicon Rectifiers
SF62 YFWDIODE-SF62_V01 Datasheet
434Kb / 3P
Super Fast Silicon Rectifiers
SF62G YFWDIODE-SF62G Datasheet
427Kb / 3P
Super Fast Silicon Rectifiers
SR84E YFWDIODE-SR84E_V01 Datasheet
437Kb / 3P
Super Fast Silicon Rectifiers
SRA4E YFWDIODE-SRA4E_V01 Datasheet
436Kb / 3P
Super Fast Silicon Rectifiers
SF52G YFWDIODE-SF52G_V01 Datasheet
361Kb / 3P
Super Fast Silicon Rectifiers
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com