Electronic Components Datasheet Search
  English  ▼

X  

115 Datasheet(PDF) 2 Page - Fluke Corporation

Part # 115
Description  Resistance, continuity, frequency, capacitance, and diode test
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FLUKE [Fluke Corporation]
Direct Link  https://www.fluke.com/en-us
Logo FLUKE - Fluke Corporation

115 Datasheet(HTML) 2 Page - Fluke Corporation

  115 Datasheet HTML 1Page - Fluke Corporation 115 Datasheet HTML 2Page - Fluke Corporation  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
Accuracy specifications
2 Fluke Corporation
115 Multimeter
Fluke Corporation
PO Box 9090, Everett, WA USA 98206
Fluke Europe B.V.
PO Box 1186, 5602 BD
Eindhoven, The Netherlands
For more information call:
In the U.S.A. (800) 443-5853 or
Fax (425) 446-5116
In Europe/M-East/Africa (31 40) 2 675 200 or
Fax (31 40) 2 675 222
In Canada (800)-36-FLUKE or
Fax (905) 890-6866
From other countries +1 (425) 446-5500 or
Fax +1 (425) 446-5116
Web access: http://www.fluke.com
©2006-2009 Fluke Corporation.
Specifications subject to change without notice.
Printed in U.S.A. 2/2009 2634043 D-EN-N Rev C
Modification of this document is not permitted
without written permission from Fluke Corporation.
Fluke. Keeping your world
up and running.™
Ordering
information
Fluke-115
Multimeter
Included
TL75 Test leads, holster, User’s
manual and 9 V battery (installed).
Measurement
Range
Resolution
Accuracy ± ([% of reading] + [counts])
DC millivolts
600.0 mV
0.1 mV
0.5 % + 2
DC volts
6.000 V
0.001 V
0.5 % + 2
60.00 V
0.01 V
600.0 V
0.1 V
Auto volts
600.0 V
0.1 V
2.0 % + 3 (dc, 45 Hz to 500 Hz)
4.0 % + 3 (500 Hz to 1 kHz)
AC millivolts1
true-rms
600.0 mV
0.1 mV
1.0 % + 3 (dc, 45 Hz to 500 Hz)
2.0 % + 3 (500 Hz to 1 kHz)
AC volts1 true-rms 6.000 V
0.001 V
1.0 % + 3 (45 Hz to 500 Hz)
2.0 % + 3 (500 Hz to 1 kHz)
60.00 V
0.01 V
600.0 V
0.1 V
Continuity
600
Ω
1
Ω
Beeper on < 20
Ω off > 250 Ω; detects
opens or shorts of 500 µs or longer.
Ohms
600.0
Ω
0.1
Ω
0.9 % + 2
6.000 k
Ω
0.001 k
Ω
0.9 % + 1
60.00 k
Ω
0.01 k
Ω
600.0 k
Ω
0.1 k
Ω
6.000 M
Ω
0.001 M
Ω
40.00 M
Ω
0.01 M
Ω
5 % + 2
Diode test
2.000 V
0.001 V
0.9 % + 2
Capacitance
1000 nF
1 nF
1.9 % + 2
10.00 µF
0.01 µF
100.0 µF
0.1 µF
9999 µF
1 µF
100 µF to 1000 µF
1.9 % + 2
> 1000 µF
5 % + 20
Lo-Z capacitance
1 nF to 500 µF
10 % + 2 typical
AC amps true-rms
(45 Hz to 500 Hz)
6.000 A
0.001 A
1.5 % + 3
10.00 A
0.01 A
20 A overload for 30 seconds max.
DC amps
6.000 A
0.001 A
1.0 % + 3
10.00 A
0.01 A
20 A overload for 30 seconds max.
Hz (V or A input)2
99.99 Hz
0.01 Hz
0.1 % + 2
999.9 Hz
0.1 Hz
9.999 kHz
0.001 kHz
50.00 kHz
0.01 kHz
Notes:
1 All ac voltage ranges are specified from 1 % to 100 % of range. Because inputs below 1 % of range are not specified,
it is normal for this and other true-rms meters to display non-zero readings when the test leads are disconnected
from a circuit or are shorted together. For volts, crest factor of
≤ 3 at 4000 counts, decreasing linearly to 1.5 at full
scale. AC volts is ac coupled and ac mV is dc coupled.
2 Frequency is ac coupled, 5 Hz to 50 kHz for ac voltage. Frequency is dc coupled, 45 Hz to 5 kHz for ac current.



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com