Electronic Components Datasheet Search
  English  ▼

X  

PIC16F913 Datasheet(PDF) 109 Page - Microchip Technology

Part # PIC16F913
Description  28/40/44-Pin Flash-Based, 8-Bit CMOS Microcontrollers with LCD Driver and nanoWatt Technology
PDF  272 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

PIC16F913 Datasheet(HTML) 109 Page - Microchip Technology

Back Button PIC16F913 Datasheet HTML 105Page - Microchip Technology PIC16F913 Datasheet HTML 106Page - Microchip Technology PIC16F913 Datasheet HTML 107Page - Microchip Technology PIC16F913 Datasheet HTML 108Page - Microchip Technology PIC16F913 Datasheet HTML 109Page - Microchip Technology PIC16F913 Datasheet HTML 110Page - Microchip Technology PIC16F913 Datasheet HTML 111Page - Microchip Technology PIC16F913 Datasheet HTML 112Page - Microchip Technology PIC16F913 Datasheet HTML 113Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 109 / 272 page
background image
© 2005 Microchip Technology Inc.
Preliminary
DS41250E-page 107
PIC16F917/916/914/913
9.3
LCD Multiplex Types
The LCD driver module can be configured into four
multiplex types:
• Static (only COM0 used)
• 1/2 multiplex (COM0 and COM1 are used)
• 1/3 multiplex (COM0, COM1 and COM2 are used)
• 1/4 multiplex (all COM0, COM1, COM2 and COM3
are used)
The LMUX<1:0> setting decides the function of RB5,
RA2 or either RA3 or RD0 pins (see Table 9-1 for
details).
If the pin is a digital I/O, the corresponding TRIS bit
controls the data direction. If the pin is a COM drive,
then the TRIS setting of that pin is overridden.
TABLE 9-1:
RA3, RA2, RB5 FUNCTION
9.4
Segment Enables
The LCDSEn registers are used to select the pin
function for each segment pin. The selection allows
each pin to operate as either an LCD segment driver or
as one of the pin’s alternate functions. To configure the
pin as a segment pin, the corresponding bits in the
LCDSEn registers must be set to ‘1’.
If the pin is a digital I/O, the corresponding TRIS bit
controls the data direction. Any bit set in the LCDSEn
registers overrides any bit settings in the corresponding
TRIS register.
9.5
Pixel Control
The LCDDATAx registers contain bits which define the
state of each pixel. Each bit defines one unique pixel.
Register 9-4 shows the correlation of each bit in the
LCDDATAx registers to the respective common and
segment signals.
Any LCD pixel location not being used for display can
be used as general purpose RAM.
9.6
LCD Frame Frequency
The rate at which the COM and SEG outputs change is
called the LCD frame frequency.
TABLE 9-2:
FRAME FREQUENCY
FORMULAS
TABLE 9-3:
APPROXIMATE FRAME
FREQUENCY (IN Hz) USING
FOSC @ 8 MHz, TIMER1 @
32.768 kHz OR INTOSC
Note:
On a Power-on Reset, the LMUX<1:0>
bits are ‘11’.
LMUX
<1:0>
RA3/RD0(1)
RA2
RB5
00
Digital I/O
Digital I/O
Digital I/O
01
Digital I/O
Digital I/O
COM1 Driver
10
Digital I/O
COM2 Driver COM1 Driver
11
COM3 Driver COM2 Driver COM1 Driver
Note 1:
RA3 for PIC16F913/916, RD0 for
PIC16F914/917
Note:
On a Power-on Reset, these pins are
configured as digital I/O.
Multiplex
Frame Frequency =
Static
Clock source/(4 x 1 x (LP<3:0> + 1))
1/2
Clock source/(2 x 2 x (LP<3:0> + 1))
1/3
Clock source/(1 x 3 x (LP<3:0> + 1))
1/4
Clock source/(1 x 4 x (LP<3:0> + 1))
Note:
Clock source is FOSC/8192, T1OSC/32 or
LFINTOSC/32.
LP<3:0>
Static
1/2
1/3
1/4
2
85
85
114
85
364
64
85
64
451
51
68
51
543
43
57
43
637
37
49
37
732
32
43
32



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com