Electronic Components Datasheet Search
  English  ▼

X  

PIC16F913 Datasheet(PDF) 112 Page - Microchip Technology

Part # PIC16F913
Description  28/40/44-Pin Flash-Based, 8-Bit CMOS Microcontrollers with LCD Driver and nanoWatt Technology
PDF  272 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

PIC16F913 Datasheet(HTML) 112 Page - Microchip Technology

Back Button PIC16F913 Datasheet HTML 108Page - Microchip Technology PIC16F913 Datasheet HTML 109Page - Microchip Technology PIC16F913 Datasheet HTML 110Page - Microchip Technology PIC16F913 Datasheet HTML 111Page - Microchip Technology PIC16F913 Datasheet HTML 112Page - Microchip Technology PIC16F913 Datasheet HTML 113Page - Microchip Technology PIC16F913 Datasheet HTML 114Page - Microchip Technology PIC16F913 Datasheet HTML 115Page - Microchip Technology PIC16F913 Datasheet HTML 116Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 112 / 272 page
background image
PIC16F917/916/914/913
DS41250E-page 110
Preliminary
© 2005 Microchip Technology Inc.
9.7
LCD Waveform Generation
LCD waveforms are generated so that the net AC
voltage across the dark pixel should be maximized and
the net AC voltage across the clear pixel should be
minimized. The net DC voltage across any pixel should
be zero.
The COM signal represents the time slice for each
common, while the SEG contains the pixel data.
The pixel signal (COM-SEG) will have no DC compo-
nent and it can take only one of the two rms values. The
higher rms value will create a dark pixel and a lower
rms value will create a clear pixel.
As the number of commons increases, the delta
between the two rms values decreases. The delta
represents the maximum contrast that the display can
have.
The LCDs can be driven by two types of waveform:
Type-A and Type-B. In Type-A waveform, the phase
changes within each common type, whereas in Type-B
waveform,
the
phase
changes
on
each
frame
boundary. Thus, Type-A waveform maintains 0 VDC
over a single frame, whereas Type-B waveform takes
two frames.
Figure 9-5 through Figure 9-15 provide waveforms for
static,
half-multiplex,
one-third-multiplex
and
quarter-multiplex
drives
for
Type-A
and
Type-B
waveforms.
FIGURE 9-5:
TYPE-A/TYPE-B WAVEFORMS IN STATIC DRIVE
Note 1: If Sleep has to be executed with LCD
Sleep enabled (LCDCON<SLPEN> is
‘1’), then care must be taken to execute
Sleep only when VDC on all the pixels is
‘0’.
2: When the LCD clock source is FOSC/8192,
if Sleep is executed, irrespective of the
LCDCON<SLPEN> setting, the LCD goes
into Sleep. Thus, take care to see that VDC
on all pixels is ‘0’ when Sleep is executed.
V1
V0
COM0
SEG0
COM0-SEG0
COM0-SEG1
SEG1
V1
V0
V1
V0
V0
V1
-V1
V0
1 Frame
COM0



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com