Electronic Components Datasheet Search
  English  ▼

X  

PIC16F913 Datasheet(PDF) 127 Page - Microchip Technology

Part # PIC16F913
Description  28/40/44-Pin Flash-Based, 8-Bit CMOS Microcontrollers with LCD Driver and nanoWatt Technology
PDF  272 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

PIC16F913 Datasheet(HTML) 127 Page - Microchip Technology

Back Button PIC16F913 Datasheet HTML 123Page - Microchip Technology PIC16F913 Datasheet HTML 124Page - Microchip Technology PIC16F913 Datasheet HTML 125Page - Microchip Technology PIC16F913 Datasheet HTML 126Page - Microchip Technology PIC16F913 Datasheet HTML 127Page - Microchip Technology PIC16F913 Datasheet HTML 128Page - Microchip Technology PIC16F913 Datasheet HTML 129Page - Microchip Technology PIC16F913 Datasheet HTML 130Page - Microchip Technology PIC16F913 Datasheet HTML 131Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 127 / 272 page
background image
© 2005 Microchip Technology Inc.
Preliminary
DS41250E-page 125
PIC16F917/916/914/913
10.0
PROGRAMMABLE
LOW-VOLTAGE DETECT
(PLVD) MODULE
The Programmable Low-Voltage Detect module is an
interrupt driven supply level detection. The voltage
detection monitors the internal power supply.
10.1
Voltage Trip Points
The PIC16F917/916/914/913 device supports eight
internal PLVD trip points. See Register 10-1 for avail-
able PLVD trip point voltages.
10.1.1
PLVD CALIBRATION
The PIC16F91X stores the PLVD calibration values in
fuses located in the Calibration Word 2 (2009h). The
Calibration Word 2 is not erased when using the spec-
ified bulk erase sequence in the “PIC16F91X Memory
Programming Specification” (DS41244) and thus, does
not require reprogramming.
REGISTER 10-1:
LVDCON – LOW-VOLTAGE DETECT CONTROL REGISTER (ADDRESS: 109h)
U-0
U-0
R-0
R/W-0
U-0
R/W-1
R/W-0
R/W-0
—
—IRVST
LVDEN
—
LVDL2
LVDL1
LVDL0
bit 7
bit 0
bit 7-6
Unimplemented: Read as ‘0’
bit 5
IRVST: Internal Reference Voltage Stable Status Flag bit(1)
1
= Indicates that the PLVD is stable and PLVD interrupt is reliable
0
= Indicates that the PLVD is not stable and PLVD interrupt should not be enabled
bit 4
LVDEN: Low-Voltage Detect Power Enable bit
1
= Enables PLVD, powers up PLVD circuit and supporting reference circuitry
0
= Disables PLVD, powers down PLVD and supporting circuitry
bit 3
Unimplemented: Read as ‘0’
bit 2-0
LVDL<2:0>: Low-Voltage Detection Limit bits (nominal values)
111
= 4.5V
110
= 4.2V
101
= 4.0V
100
= 2.3V (default)
011
= 2.2V
010
= 2.1V
001
= 2.0V
000
= 1.9V(2)
Note 1: The IRVST bit is usable only when the HFINTOSC is running. When using an
external crystal to run the microcontroller, the PLVD settling time is expected to be
<50
μs when VDD = 5V and <25 μs when VDD = 3V. Appropriate software delays
should be used after enabling the PLVD module to ensure proper status readings
of the module.
2: Not tested and below minimum VDD.
Legend:
R = Readable bit
W = Writable bit
U = Unimplemented bit, read as ‘0’
- n = Value at POR
‘1’ = Bit is set
‘0’ = Bit is cleared
x = Bit is unknown



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com