Electronic Components Datasheet Search
  English  ▼

X  

PIC16F913 Datasheet(PDF) 133 Page - Microchip Technology

Part # PIC16F913
Description  28/40/44-Pin Flash-Based, 8-Bit CMOS Microcontrollers with LCD Driver and nanoWatt Technology
PDF  272 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

PIC16F913 Datasheet(HTML) 133 Page - Microchip Technology

Back Button PIC16F913 Datasheet HTML 129Page - Microchip Technology PIC16F913 Datasheet HTML 130Page - Microchip Technology PIC16F913 Datasheet HTML 131Page - Microchip Technology PIC16F913 Datasheet HTML 132Page - Microchip Technology PIC16F913 Datasheet HTML 133Page - Microchip Technology PIC16F913 Datasheet HTML 134Page - Microchip Technology PIC16F913 Datasheet HTML 135Page - Microchip Technology PIC16F913 Datasheet HTML 136Page - Microchip Technology PIC16F913 Datasheet HTML 137Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 133 / 272 page
background image
© 2005 Microchip Technology Inc.
Preliminary
DS41250E-page 131
PIC16F917/916/914/913
11.2
USART Asynchronous Mode
In
this
mode,
the
USART
uses
standard
Non-Return-to-Zero (NRZ) format (one Start bit, eight
or nine data bits and one Stop bit). The most common
data format is 8 bits. An on-chip, dedicated, 8-bit Baud
Rate Generator can be used to derive standard baud
rate frequencies from the oscillator. The USART
transmits and receives the LSb first. The transmitter
and receiver are functionally independent but use the
same data format and baud rate. The baud rate
generator produces a clock, either x16 or x64 of the bit
shift rate, depending on bit BRGH (TXSTA<2>). Parity
is not supported by the hardware, but can be
implemented in software (and stored as the ninth data
bit). Asynchronous mode is stopped during Sleep.
Asynchronous mode is selected by clearing bit SYNC
(TXSTA<4>).
The USART Asynchronous module consists of the
following important elements:
• Baud Rate Generator
• Sampling Circuit
• Asynchronous Transmitter
• Asynchronous Receiver
11.2.1
USART ASYNCHRONOUS
TRANSMITTER
The USART transmitter block diagram is shown in
Figure 11-1. The heart of the transmitter is the Transmit
(Serial) Shift Register (TSR). The shift register obtains
its data from the Read/Write Transmit Buffer, TXREG.
The TXREG register is loaded with data in software.
The TSR register is not loaded until the Stop bit has
been transmitted from the previous load. As soon as
the Stop bit is transmitted, the TSR is loaded with new
data from the TXREG register (if available). Once the
TXREG register transfers the data to the TSR register
(occurs in one TCY), the TXREG register is empty and
flag bit, TXIF (PIR1<4>), is set. This interrupt can be
enabled/disabled by setting/clearing enable bit, TXIE
(PIE1<4>). Flag bit TXIF will be set regardless of the
state of enable bit TXIE and cannot be cleared in soft-
ware. It will reset only when new data is loaded into the
TXREG register. While flag bit TXIF indicates the status
of the TXREG register, another bit, TRMT (TXSTA<1>),
shows the status of the TSR register. Status bit TRMT
is a read-only bit which is set when the TSR register is
empty. No interrupt logic is tied to this bit so the user
has to poll this bit in order to determine if the TSR
register is empty.
Transmission is enabled by setting enable bit, TXEN
(TXSTA<5>). The actual transmission will not occur until
the TXREG register has been loaded with data and the
Baud Rate Generator (BRG) has produced a shift clock
(Figure 11-2). The transmission can also be started by
first loading the TXREG register and then setting enable
bit TXEN. Normally, when transmission is first started, the
TSR register is empty. At that point, transfer to the
TXREG register will result in an immediate transfer to
TSR, resulting in an empty TXREG. A back-to-back
transfer is thus possible (Figure 11-3). Clearing enable bit
TXEN during a transmission will cause the transmission
to be aborted and will reset the transmitter. As a result, the
RC6/TX/CK/SCK/SCL/SEG9
pin
will
revert
to
high-impedance.
In order to select 9-bit transmission, transmit bit TX9
(TXSTA<6>) should be set and the ninth bit should be
written to TX9D (TXSTA<0>). The ninth bit must be
written before writing the 8-bit data to the TXREG reg-
ister. This is because a data write to the TXREG regis-
ter can result in an immediate transfer of the data to the
TSR register (if the TSR is empty). In such a case, an
incorrect ninth data bit may be loaded in the TSR
register.
When setting up an Asynchronous Transmission,
follow these steps:
1.
Initialize the SPBRG register for the appropriate
baud rate. If a high-speed baud rate is desired,
set bit BRGH (Section 11.1 “USART Baud
Rate Generator (BRG)”).
2.
Enable the asynchronous serial port by clearing
bit SYNC and setting bit SPEN.
3.
If interrupts are desired, then set enable bit TXIE.
4.
If 9-bit transmission is desired, then set transmit
bit TX9.
5.
Enable the transmission by setting bit TXEN,
which will also set bit TXIF.
6.
If 9-bit transmission is selected, the ninth bit
should be loaded in bit TX9D.
7.
Load data to the TXREG register (starts
transmission).
8.
If using interrupts, ensure that GIE and PEIE
(bits 7 and 6) of the INTCON register are set.
Note 1: The TSR register is not mapped in data
memory, so it is not available to the user.
2: Flag bit TXIF is set when enable bit TXEN
is set. TXIF is cleared by loading TXREG.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com