Electronic Components Datasheet Search
  English  ▼

X  

PIC16F913 Datasheet(PDF) 145 Page - Microchip Technology

Part # PIC16F913
Description  28/40/44-Pin Flash-Based, 8-Bit CMOS Microcontrollers with LCD Driver and nanoWatt Technology
PDF  272 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

PIC16F913 Datasheet(HTML) 145 Page - Microchip Technology

Back Button PIC16F913 Datasheet HTML 141Page - Microchip Technology PIC16F913 Datasheet HTML 142Page - Microchip Technology PIC16F913 Datasheet HTML 143Page - Microchip Technology PIC16F913 Datasheet HTML 144Page - Microchip Technology PIC16F913 Datasheet HTML 145Page - Microchip Technology PIC16F913 Datasheet HTML 146Page - Microchip Technology PIC16F913 Datasheet HTML 147Page - Microchip Technology PIC16F913 Datasheet HTML 148Page - Microchip Technology PIC16F913 Datasheet HTML 149Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 145 / 272 page
background image
© 2005 Microchip Technology Inc.
Preliminary
DS41250E-page 143
PIC16F917/916/914/913
12.0
ANALOG-TO-DIGITAL
CONVERTER (A/D) MODULE
The Analog-to-Digital converter (A/D) allows conversion
of an analog input signal to a 10-bit binary representation
of that signal. The PIC16F917/916/914/913 has up to
eight analog inputs, multiplexed into one sample and hold
circuit. The output of the sample and hold is connected to
the input of the converter. The converter generates a
binary result via successive approximation and stores the
result in a 10-bit register. The voltage reference used in
the conversion is software selectable to either VDD or a
voltage applied by the VREF pin. Figure 12-1 shows the
block diagram of the A/D on the PIC16F917/916/914/913.
FIGURE 12-1:
A/D BLOCK DIAGRAM
RA0/AN0/C1-/SEG12
A/D
RA1/AN1/C2-/SEG7
RA2/AN2/C2+/VREF-/COM2
RA5/AN4/C2OUT/SS/SEG5
VDD
VREF+
ADON
GO/DONE
VCFG0 = 1
VCFG0 = 0
CHS<2:0>
ADRESH ADRESL
10
10
ADFM
VSS
RE0/AN5/SEG21(1)
RE1/AN6/SEG22(1)
RE2/AN7/SEG23(1)
RA3/AN3/C1+/VREF+/COM3(2)/SEG15
VCFG1 = 1
VCFG1 = 0
VREF-
Note 1:
These channels are only available on PIC16F914/917 devices.
2:
COM3 available on RA3 only on PIC16F913/916 devices.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com