Electronic Components Datasheet Search
  English  ▼

X  

PIC16F913 Datasheet(PDF) 146 Page - Microchip Technology

Part # PIC16F913
Description  28/40/44-Pin Flash-Based, 8-Bit CMOS Microcontrollers with LCD Driver and nanoWatt Technology
PDF  272 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

PIC16F913 Datasheet(HTML) 146 Page - Microchip Technology

Back Button PIC16F913 Datasheet HTML 142Page - Microchip Technology PIC16F913 Datasheet HTML 143Page - Microchip Technology PIC16F913 Datasheet HTML 144Page - Microchip Technology PIC16F913 Datasheet HTML 145Page - Microchip Technology PIC16F913 Datasheet HTML 146Page - Microchip Technology PIC16F913 Datasheet HTML 147Page - Microchip Technology PIC16F913 Datasheet HTML 148Page - Microchip Technology PIC16F913 Datasheet HTML 149Page - Microchip Technology PIC16F913 Datasheet HTML 150Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 146 / 272 page
background image
PIC16F917/916/914/913
DS41250E-page 144
Preliminary
© 2005 Microchip Technology Inc.
12.1
A/D Configuration and Operation
There are three registers available to control the
functionality of the A/D module:
1.
ANSEL (Register 12-1)
2.
ADCON0 (Register 12-2)
3.
ADCON1 (Register 12-3)
12.1.1
ANALOG PORT PINS
The ANS<7:0> bits (ANSEL<7:0>) and the TRIS bits
control the operation of the A/D port pins. Set the
corresponding TRIS bits to set the pin output driver to
its high-impedance state. Likewise, set the correspond-
ing ANSEL bit to disable the digital input buffer.
12.1.2
CHANNEL SELECTION
There are up to eight analog channels on the
PIC16F917/916/914/913, AN<7:0>. The CHS<2:0> bits
(ADCON0<4:2>) control which channel is connected to
the sample and hold circuit.
12.1.3
VOLTAGE REFERENCE
There are two options for each reference to the A/D
converter, VREF+ and VREF-. VREF+ can be connected to
either VDD or an externally applied voltage. Alternatively,
VREF- can be connected to either VSS or an externally
applied voltage. VCFG<1:0> bits are used to select the
reference source.
12.1.4
CONVERSION CLOCK
The A/D conversion cycle requires 11 TAD. The source
of the conversion clock is software selectable via the
ADCS bits (ADCON1<6:4>). There are seven possible
clock options:
•FOSC/2
•FOSC/4
•FOSC/8
•FOSC/16
•FOSC/32
•FOSC/64
•FRC (dedicated internal oscillator)
For correct conversion, the A/D conversion clock
(1/TAD) must be selected to ensure a minimum TAD of
1.6
μs. Table 12-1 shows a few TAD calculations for
selected frequencies.
TABLE 12-1:
TAD vs. DEVICE OPERATING FREQUENCIES
Note:
Analog voltages on any pin that is defined
as a digital input may cause the input
buffer to conduct excess current.
A/D Clock Source (TAD)
Device Frequency
Operation
ADCS<2:0>
20 MHz
5 MHz
4 MHz
1.25 MHz
2 TOSC
000
100 ns(2)
400 ns(2)
500 ns(2)
1.6
μs
4 TOSC
100
200 ns(2)
800 ns(2)
1.0
μs(2)
3.2
μs
8 TOSC
001
400 ns(2)
1.6
μs2.0 μs6.4 μs
16 TOSC
101
800 ns(2)
3.2
μs4.0 μs
12.8
μs(3)
32 TOSC
010
1.6
μs6.4 μs
8.0
μs(3)
25.6
μs(3)
64 TOSC
110
3.2
μs
12.8
μs(3)
16.0
μs(3)
51.2
μs(3)
A/D RC
x11
2-6
μs(1,4)
2-6
μs(1,4)
2-6
μs(1,4)
2-6
μs(1,4)
Legend: Shaded cells are outside of recommended range.
Note 1:
The A/D RC source has a typical TAD time of 4
μs for VDD > 3.0V.
2:
These values violate the minimum required TAD time.
3:
For faster conversion times, the selection of another clock source is recommended.
4:
When the device frequency is greater than 1 MHz, the A/D RC clock source is only recommended if the
conversion will be performed during Sleep.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com